Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LM4811L-SM2-R

  • AI
    ## Overview of the LM4811L-SM2-R The **LM4811L-SM2-R** is a specialized integrated circuit designed primarily as a dual audio power amplifier. It is commonly used for driving stereo headphones in portable applications. It belongs to the "Boomer" series of audio amplifiers, known for providing high-quality audio with minimal external components. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LM4811L-SM2-R: | Parameter | Specification | | :--- | :--- | | **Output Power** | 105mW per channel (into 16Ω load) | | **Supply Voltage Range** | 2.0V to 5.5V | | **THD + N** | 0.1% (typical at 1kHz) | | **Shutdown Current** | 0.01µA (typical) | | **Package Type** | MSOP-10 / VSSOP-10 (Small Outline) | | **Gain Control** | Digital (Step-controlled) | --- ### 2. Functional Features The LM4811L-SM2-R is distinguished by several internal mechanisms that optimize it for mobile and battery-operated devices: * **Digital Volume Control:** Unlike traditional amplifiers that require a potentiometer, the LM4811 uses two digital input pins (UP and DN) to adjust the gain in discrete steps. * **Click and Pop Suppression:** It contains internal circuitry that eliminates audible noise (clicks and pops) during power-up or power-down transitions. * **Low Power Shutdown Mode:** A dedicated active-high shutdown pin reduces current consumption to near zero, extending battery life in portable electronics. * **No Output Coupling Capacitors:** In certain configurations, it can be designed to minimize the need for bulky DC-blocking capacitors, saving PCB space. --- ### 3. Pin Configuration The device typically comes in a 10-pin package. Below is a general functional description of the pins: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Shutdown** | Disables the amplifier when held high. | | 2, 3 | **Input A / B** | Audio input signals for the two channels. | | 4, 5 | **UP / DN** | Digital gain control (Increases or Decreases volume). | | 6, 7 | **Output A / B** | Amplified audio signals for headphones. | | 8, 9 | **VDD / GND** | Power supply and ground connections. | | 10 | **Bypass** | Connection for a bypass capacitor to filter noise. | --- ### 4. Typical Applications * **Mobile Handsets:** For headphone jack amplification. * **Portable MP3 Players:** Due to high efficiency and low distortion. * **PDA / Handheld Devices:** Where PCB space is at a premium. * **Computer Sound Cards:** Providing the final stage of audio output for peripherals. ---
    ✨ Follow-up Questions
    • ⤷What is the exact gain step size in dB for the LM4811?
    • ⤷ Can the LM4811 be used to drive 8-ohm speakers instead of headphones?
    • ⤷ What are the recommended values for the input and bypass capacitors?