LMC100A-SM-R2
AI

The **LMC100A-SM-R2** is a high-performance industrial media converter manufactured by Black Box. Its primary electronic function is to bridge the gap between traditional copper-based Ethernet networks and long-range Single-Mode fiber optic networks.
---
### 1. Key Technical Specifications
The following table highlights the core electronic and physical parameters of the device:
| Feature | Specification |
| :--- | :--- |
| **Copper Interface** | 10/100 Mbps RJ-45 (Auto-MDI/MDI-X) |
| **Fiber Interface** | 100 Mbps Single-Mode SC Connector |
| **Max Distance** | Up to 20 Kilometers (12.4 miles) |
| **Wavelength** | 1310 nm |
| **Power Input** | 5V DC, 1A (External Power Supply) |
| **Operating Temp** | 0°C to 50°C (32°F to 122°F) |
---
### 2. Core Electronic Components & Architecture
The internal circuitry of the LMC100A-SM-R2 consists of several critical stages:
#### A. Transceiver Module (Physical Layer)
* **Optical Side:** Uses a laser diode to convert electrical pulses into light signals at the 1310nm wavelength.
* **Copper Side:** Utilizes an Ethernet Physical Layer (PHY) chip to manage signal encoding/decoding and impedance matching for Cat5e/Cat6 cabling.
#### B. The Media Converter IC
The "brain" of the unit is a dedicated Integrated Circuit (IC) that handles the **O-E-O (Optical-Electrical-Optical)** conversion. It ensures that data packets are moved with minimal latency and maintains the integrity of the Ethernet frame.
#### C. Power Management Circuitry
Since the device runs on 5V DC, it includes internal voltage regulators and filtering capacitors. These components protect the sensitive logic chips from voltage spikes and electromagnetic interference (EMI).
---
### 3. Diagnostic Features
The device includes an array of **Diagnostic LEDs** that monitor the electronic state of the connection:
* **PWR:** Indicates the internal DC power supply is active.
* **LNK/ACT (Copper):** Lights up when a valid Ethernet link is detected; flashes during data transmission.
* **LNK/ACT (Fiber):** Indicates a valid optical connection with the remote partner.
* **FDX/COL:** Monitors Full-Duplex status or detects collisions on the copper side.
---
### 4. Link Fault Pass-Through (LFP)
A critical electronic feature of the R2 revision is **Link Fault Pass-Through**.
* **Function:** If the fiber link drops, the electronic controller automatically shuts down the copper link (and vice-versa).
* **Benefit:** This prevents "silent failures" where a switch thinks a connection is active when the fiber path is actually broken, allowing the network to reroute traffic immediately.
- ⤷
What is the difference between Single-Mode and Multi-Mode versions of this converter?
- ⤷ How does Link Fault Pass-Through (LFP) improve network uptime?
- ⤷ Can this device be mounted in a high-density rack chassis?