Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LMC214A-STP-R2

  • AI
    ## Overview of LMC214A-STP-R2 The **LMC214A-STP-R2** is a high-performance industrial networking device, specifically a **FlexPoint 10/100 Rate-Converter Media Converter**. It is designed to bridge the gap between legacy copper-based Ethernet networks and modern fiber optic infrastructure. --- ### Core Electronic Specifications | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100 Mbps (Auto-negotiating) | | **Copper Interface** | RJ-45 (Shielded Twisted Pair - STP) | | **Fiber Interface** | ST Connector (Multimode) | | **Fiber Distance** | Up to 2 km | | **Wavelength** | 1310 nm | | **Power Requirement** | 5VDC via barrel connector or Power Chassis | --- ### Key Electronic Components & Features The device utilizes several critical electronic systems to ensure seamless data transmission: #### 1. Signal Conversion Logic The internal circuitry consists of a **Transceiver Chipset** that translates electrical signals (pulses over copper) into optical signals (light pulses over fiber) and vice versa. It supports: * **Auto-MDI/MDI-X:** Automatically detects and adjusts for straight-through or crossover cables. * **Store-and-Forward:** The internal buffer ensures packet integrity before forwarding. #### 2. Physical Interface (PHY) The "STP" in the model name indicates support for **Shielded Twisted Pair**. This electronic grounding is crucial for industrial environments to prevent **Electromagnetic Interference (EMI)** from corrupting data. #### 3. Configuration Switches (DIP Switches) The unit features manual electronic overrides (DIP switches) that allow technicians to force specific modes: * **Link Propagation (LFP):** If one side of the link fails, the electronic circuit drops the other side to alert management software. * **Duplex Modes:** Manual selection of Full or Half Duplex. #### 4. Diagnostic LEDs The board includes a series of Light Emitting Diodes (LEDs) for real-time electronic troubleshooting: * **PWR:** Power status. * **LNK/ACT:** Link established or data activity. * **100:** Indicates 100Mbps speed (vs 10Mbps). --- ### Environmental and Power Safety The "R2" designation often refers to a hardware revision that improves thermal efficiency or power regulation. It includes: * **Voltage Regulation:** Internal DC-to-DC converters to stabilize the 5V input. * **ESD Protection:** Built-in protection against static discharge on the RJ-45 port.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-mode and Multimode fiber for this device?
    • ⤷ How does the Link Fault Pass-through (LFP) feature work electronically?
    • ⤷ Can this device be mounted in a high-density rack chassis?