LMK105BJ104ME-R
AI

## Analysis of LMK105BJ104ME-R
The **LMK105BJ104ME-R** is a specific type of Multi-Layer Ceramic Capacitor (MLCC) manufactured by **Taiyo Yuden**. It is a surface-mount device (SMD) commonly used for decoupling and filtering in compact electronic circuits.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 0.1 µF (100,000 pF) |
| **Voltage Rating (DC)** | 10V |
| **Tolerance** | ±20% |
| **Temperature Coefficient** | X5R (Operating range: -55°C to +85°C) |
| **Package / Case** | 0402 (1005 Metric) |
| **Dimensions** | 1.0mm x 0.5mm |
| **Dielectric Material** | Ceramic |
| **Termination** | Standard (Sn - Tin) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying equivalent parts:
* **LMK**: Indicates the Rated Voltage (L = 10V).
* **105**: Represents the Dimensions (1.0 x 0.5mm, commonly known as 0402).
* **BJ**: Refers to the Temperature Characteristics (X5R).
* **104**: The Capacitance Code. The first two digits are significant figures, and the third is the multiplier ($10 \times 10^4$ pF = 100nF or 0.1µF).
* **M**: Tolerance code (M = ±20%).
* **E-R**: Packaging/Suffix information (usually Embossed Tape or RoHS compliance markers).
---
### 3. Key Electronic Characteristics
* **X5R Dielectric:** This is a Class II ceramic material. It offers a high volumetric efficiency (high capacitance in a small package) but is subject to capacitance changes based on temperature and DC bias.
* **Decoupling Applications:** Due to its 0.1µF value, it is the "standard" capacitor used to filter high-frequency noise near the power pins of integrated circuits (ICs).
* **Low ESR/ESL:** As an MLCC, it features very low Equivalent Series Resistance (ESR) and Equivalent Series Inductance (ESL), making it ideal for high-speed switching applications.
---
### 4. Typical Usage Scenarios
1. **Bypass/Decoupling:** Placed between VCC and Ground to stabilize power delivery.
2. **Signal Smoothing:** Used in low-pass filters for analog signals.
3. **Consumer Electronics:** Found in smartphones, tablets, and wearables due to the miniature 0402 footprint.
- ⤷
What are the main differences between X5R and X7R dielectrics?
- ⤷ How does DC bias affect the capacitance of this specific MLCC?
- ⤷ Can I substitute a 16V rated capacitor for this 10V part?