LMK105BJ104MH-R
AI

The **LMK105BJ104MH-R** is a high-performance Multi-Layer Ceramic Capacitor (MLCC) manufactured by **Taiyo Yuden**. It is designed for high-density surface mount applications where space and reliability are critical.
---
### 1. Key Specifications
The technical identity of this component can be broken down into the following parameters:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 0.1 µF (100,000 pF) |
| **Rated Voltage** | 10V DC |
| **Tolerance** | ±20% |
| **Temperature Characteristic** | X5R (-55°C to +85°C, ΔC ±15%) |
| **Package / Case** | 0402 (1005 Metric) |
| **Thickness** | 0.125mm (Ultra-low profile) |
| **Termination** | Standard (Plated) |
---
### 2. Breakdown of the Part Number
Understanding the Taiyo Yuden naming convention helps in identifying the specific attributes:
* **LMK**: Indicates the Rated Voltage (L = 10V).
* **105**: Represents the Dimensions (1.0 x 0.5 mm, which is 0402 inch).
* **BJ**: Refers to the Temperature Characteristic (X5R).
* **104**: The Capacitance code (10 followed by 4 zeros = 100,000pF or 0.1µF).
* **M**: The Tolerance code (M = ±20%).
* **H-R**: Specific series/packaging suffix (High reliability/Tape & Reel).
---
### 3. Core Features and Technology
* **X5R Dielectric:** This is a Class II ceramic material. It offers a high volumetric efficiency (high capacitance in a small size) but is subject to capacitance changes based on temperature and applied DC voltage (DC Bias effect).
* **Ultra-Miniature Size:** The 0402 footprint is roughly $1.0mm \times 0.5mm$, making it ideal for compact consumer electronics like smartphones and wearables.
* **Low ESR/ESL:** Being an MLCC, it provides low Equivalent Series Resistance (ESR) and low Equivalent Series Inductance (ESL), which is essential for high-frequency filtering.
---
### 4. Typical Applications
This component is commonly used in the following scenarios:
1. **Decoupling:** Placed near IC power pins to filter out high-frequency noise.
2. **Bypass:** Diverting unwanted AC signals to the ground in DC circuits.
3. **Smoothing:** Reducing ripple voltage in small DC-DC converters.
4. **Mobile Devices:** Due to the 10V rating and small size, it is a staple in mobile phone power management units (PMUs).
---
- ⤷
What is the DC bias effect on this specific capacitor?
- ⤷ How does X5R compare to X7R dielectric materials?
- ⤷ Are there automotive-grade equivalents for the LMK105BJ104MH-R?