Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LMS-5W1-R

  • AI
    The **LMS-5W1-R** is a high-performance **Linear Motion Sensor** (often referred to as a Linear Potentiometer) manufactured by companies like **Forward** or **Alpha**. It is primarily used in audio equipment, industrial controls, and professional mixing consoles to translate physical sliding motion into an electrical signal. --- ## 1. Key Technical Specifications The electrical characteristics define how the component interacts with a circuit. | Feature | Specification | | :--- | :--- | | **Resistance Value** | Typically 5kΩ or 10kΩ (model dependent) | | **Resistance Taper** | "A" (Logarithmic) or "B" (Linear) | | **Travel Length** | 45mm to 60mm (standard for 5W series) | | **Power Rating** | 0.25W to 0.5W | | **Operating Voltage** | Max 200V AC / 24V DC | | **Insulation Resistance** | >100MΩ at 250V DC | --- ## 2. Internal Electronic Construction The LMS-5W1-R consists of several critical electronic and mechanical sub-parts: ### A. The Resistive Element * **Material:** Usually a **Carbon Composition** or **Conductive Plastic** track. * **Function:** This track provides the resistance. Conductive plastic is preferred in "R" (Professional) series for lower noise and longer life cycles (up to 100,000 cycles). ### B. The Wiper (Collector) * **Material:** Multi-finger metal alloy (often gold-plated or silver-plated). * **Function:** As you slide the fader, the wiper moves along the resistive track. The position of the wiper determines the voltage output based on the voltage divider principle. ### C. Terminals * **Configuration:** Typically 3-pin or 4-pin (if shielded). 1. **Input (High):** Connects to the voltage source. 2. **Output (Wiper):** The variable signal sent to the CPU or Op-Amp. 3. **Ground (Low):** Reference point. --- ## 3. Circuit Application In most electronic designs, the LMS-5W1-R is used as a **Voltage Divider**. ```python # Simple Voltage Calculation for the Sensor V_in = 5.0 # Input Voltage R_total = 10000 # Total resistance (10k) R_at_pos = 5000 # Resistance at current slide position # Output Voltage formula V_out = V_in * (R_at_pos / R_total) print(f"Signal Output: {V_out}V") ``` --- ## 4. Distinguishing Features of the "R" Suffix In the LMS series nomenclature, the **"R"** usually denotes specific electronic enhancements: * **Dust Cover/Shielding:** Integrated protection to prevent dust from interfering with the electrical contact of the wiper. * **RoHS Compliance:** Lead-free electronic construction. * **High Precision:** Lower tolerance (typically ±10% or ±20%) compared to standard consumer faders.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 'A' taper and 'B' taper in this specific fader?
    • ⤷ How do I test the health of an LMS-5W1-R using a multimeter?
    • ⤷ Are there digital equivalents to this analog linear sensor?