LMS-5W5-R/Q
AI

The **LMS-5W5-R/Q** is a specific variant of a high-performance, low-noise voltage regulator or power module, often associated with the **LMS series** from manufacturers like Linear Technology (now part of Analog Devices) or specialized power solution providers.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. Technical Specifications
The nomenclature usually indicates its voltage rating and package type. Here is a summary of the typical parameters for this part:
| Parameter | Value / Description |
| :--- | :--- |
| **Output Voltage** | 5.0V (Fixed) |
| **Current Rating** | Typically 500mA to 1A (depends on specific series) |
| **Voltage Type** | Positive Low Dropout (LDO) or Switching Regulator |
| **Package Suffix (Q)** | Often denotes an Automotive Grade (AEC-Q100) or specific Pinout |
| **RoHS Status (R)** | Lead-free / RoHS Compliant |
---
### 2. Key Electronic Features
The LMS series is designed for applications requiring high stability and low electromagnetic interference (EMI).
* **Low Dropout Voltage:** Can maintain a steady 5V output even when the input voltage is only slightly higher than 5V.
* **Thermal Overload Protection:** Includes internal circuitry that shuts the device down if it exceeds safe operating temperatures.
* **Short Circuit Current Limiting:** Protects the internal transistors and the rest of the PCB from damage if the output is grounded.
* **Low Noise Floor:** Ideal for powering sensitive analog components like ADCs or operational amplifiers.
---
### 3. Pin Configuration (Typical)
While the physical package (such as TO-220 or SOT-223) dictates the layout, the functional pins are generally:
1. **VIN (Input):** The unregulated DC supply.
2. **GND (Ground):** Common reference point.
3. **VOUT (Output):** Regulated 5V output.
4. **EN/Shutdown (Optional):** A logic-level input to turn the chip on or off to save power.
---
### 4. Application Circuit Example
To ensure stability, LDOs like the LMS-5W5 require external capacitors.
```cpp
// Basic Connection Diagram
[Input Source] ----+----[ VIN ]-------[ VOUT ]----+---- [Load]
| [ LMS-5W5 ] |
[C1] [ GND ] [C2]
| | |
[Ground] ----------+-----------+--------------+-------- [Ground]
// Typical Capacitor Values:
// C1 (Input): 0.1uF Ceramic (prevents oscillation)
// C2 (Output): 10uF Tantalum or Low-ESR Electrolytic (stability)
```
---
### 5. Common Use Cases
* **Automotive Electronics:** Used in infotainment or sensor modules due to the "Q" (Quality/Automotive) rating.
* **Post-Regulation:** Following a switching power supply to clean up ripple and noise.
* **Microcontrollers:** Providing a steady 5V rail for Arduino-based or industrial logic controllers.
- ⤷
What is the maximum input voltage rating for the LMS-5W5-R/Q?
- ⤷ Does this part require a heat sink for standard 500mA operation?
- ⤷ What are the primary differences between the R and Q suffixes in this series?