Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LMV331M7

  • AI
    ### Overview of the LMV331M7 The **LMV331M7** is a general-purpose, low-voltage, single-channel comparator manufactured by Texas Instruments (and others). It is designed to operate over a wide range of supply voltages and is particularly suited for space-constrained, battery-powered applications. --- ### Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.7V to 5.0V | | **Supply Current** | ~40 $\mu$A (Typical) | | **Output Type** | Open Collector | | **Propagation Delay** | 200 ns | | **Package Type** | SC-70-5 (5-pin) | | **Operating Temperature** | -40°C to +85°C | --- ### Core Electronic Characteristics #### 1. Open Collector Output The LMV331M7 features an **open collector output stage**. * **Behavior:** It can only sink current (pull to ground). It cannot drive a signal high on its own. * **Requirement:** An external **pull-up resistor** is necessary to define the "High" logic level. * **Advantage:** This allows for "level shifting," where the comparator logic can interface with a different voltage rail than the power supply of the chip itself. #### 2. Low Voltage Operation Unlike older comparators (like the LM339) that require higher voltages, the LMV331 is optimized for **low-voltage systems** (2.7V, 3.3V, and 5V). This makes it ideal for mobile devices and modern microcontrollers. #### 3. Common-Mode Input Range The input common-mode voltage range includes **ground (0V)**. This allows the device to sense signals very close to the negative rail, which is essential in single-supply circuits. --- ### Typical Application Circuit To use the LMV331M7, you generally follow this basic configuration: ```text Vcc (3.3V) | [R_pull-up] | +---------- Output Signal | (Pin 4) [LMV331] (Pin 3) ---- Inverting Input (-) (Pin 1) ---- Non-Inverting Input (+) (Pin 2) ---- GND ``` --- ### Pin Configuration (SC-70-5) 1. **IN+**: Non-inverting input. 2. **GND**: Ground or negative supply. 3. **IN-**: Inverting input. 4. **OUT**: Open collector output. 5. **VCC**: Positive supply voltage. --- ### Summary of Benefits * **Space Saving:** The M7 suffix denotes the SC-70 package, which is roughly 50% smaller than a standard SOT-23. * **Power Efficiency:** Extremely low current consumption extends battery life. * **Versatility:** Can be used for zero-crossing detectors, window comparators, or simple voltage level sensors.
    ✨ Follow-up Questions
    • ⤷ Why is an open collector output advantageous for level shifting?
    • ⤷ What is the typical value for the pull-up resistor used with the LMV331?
    • ⤷ How does the LMV331 differ from an operational amplifier (Op-Amp)?