AI

## Technical Overview of LMV358L-S08-R
The **LMV358L-S08-R** is a low-voltage, rail-to-rail output operational amplifier (Op-Amp). It is widely used in portable electronic devices due to its power efficiency and small footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | Dual (2 Op-Amps in one package) |
| **Supply Voltage Range** | 2.7V to 5.5V |
| **Output Type** | Rail-to-Rail |
| **Quiescent Current** | ~210 µA (Typical) |
| **Gain Bandwidth Product** | 1 MHz |
| **Package Type** | SOP-8 (S08) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Electronic Characteristics
#### A. Rail-to-Rail Output
Unlike standard op-amps (like the LM358), the "LMV" series allows the output voltage to swing very close to the positive and negative supply rails. This is critical for low-voltage systems (e.g., 3.3V) where maximizing the dynamic range is necessary.
#### B. Low Power Consumption
Designed specifically for battery-operated devices, it consumes significantly less current than the traditional LM358.
#### C. Input Common-Mode Range
The input common-mode voltage range includes ground (V-), making it suitable for single-supply applications.
---
### 3. Pin Configuration (SOP-8)
| Pin Number | Function | Description |
| :---: | :--- | :--- |
| 1 | **OUTPUT A** | Output of the first amplifier |
| 2 | **-INPUT A** | Inverting input of the first amplifier |
| 3 | **+INPUT A** | Non-inverting input of the first amplifier |
| 4 | **V- / GND** | Negative power supply or ground |
| 5 | **+INPUT B** | Non-inverting input of the second amplifier |
| 6 | **-INPUT B** | Inverting input of the second amplifier |
| 7 | **OUTPUT B** | Output of the second amplifier |
| 8 | **V+** | Positive power supply |
---
### 4. Typical Applications
* **Active Filters:** Low-pass, high-pass, and band-pass filters for signal processing.
* **Sensor Amplification:** Interfacing with pressure sensors, thermocouples, and photodiodes.
* **ADC Buffers:** Driving Analog-to-Digital Converters in microcontrollers.
* **Portable Gadgets:** MP3 players, mobile phones, and tablets where space and power are limited.
---
### 5. Part Number Breakdown (UTC Standard)
* **LMV358:** Series name (Low voltage, dual op-amp).
* **L:** Lead-free/Halogen-free.
* **S08:** SOP-8 Package style.
* **R:** Tape and Reel packaging.
- ⤷
What is the difference between LMV358 and the standard LM358?
- ⤷ Can this op-amp be used with a 12V power supply?
- ⤷ What are the advantages of a Rail-to-Rail output in battery-powered circuits?