Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LNC30T-R12

  • AI
    The **LNC30T-R12** is a specialized electronic component typically used in industrial sensing and automation, specifically categorized as an **Inductive Proximity Sensor**. These devices are designed to detect the presence of metallic objects without physical contact, ensuring high durability and speed in automated environments. --- ### 1. Key Technical Specifications Below are the primary electronic and physical parameters for the LNC30T-R12: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Inductive (Metallic objects only) | | **Housing Diameter** | M30 (30mm threaded barrel) | | **Mounting Type** | Non-flush (Unshielded) | | **Sensing Distance** | Typically 10mm to 15mm (Varies by material) | | **Output Type** | NPN or PNP (Model dependent, usually NO - Normally Open) | | **Operating Voltage** | 10-30V DC | | **Switching Frequency** | ~200Hz to 400Hz | | **Housing Material** | Nickel-plated Brass or Stainless Steel | --- ### 2. Operational Components The internal electronics of the LNC30T-R12 consist of four main stages: 1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that radiates from the sensing face. 2. **Detection Circuit:** When a metal object enters the field, eddy currents are induced in the object, causing the amplitude of the oscillation to change. 3. **Schmitt Trigger:** Monitors the change in oscillation and converts the analog signal into a discrete "on" or "off" pulse once a specific threshold is reached. 4. **Output Amplifier:** Boosts the signal to drive external loads, such as a PLC (Programmable Logic Controller) or a relay. --- ### 3. Wiring Diagram (Standard Color Codes) The LNC30T-R12 typically utilizes a 3-wire DC configuration. ```markdown Brown [+] ----> +10-30V DC Power Supply Blue [-] ----> 0V / Ground Black [S] ----> Output Signal (To PLC or Load) ``` --- ### 4. Common Applications * **Positioning:** Detecting the end-of-travel for robotic arms or conveyor belts. * **Counting:** Counting metal parts passing on a production line. * **Speed Monitoring:** Detecting teeth on a gear to calculate RPM. * **Material Presence:** Ensuring a metal cap or component is correctly seated before further processing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this sensor?
    • ⤷ How does the sensing distance change if the target is aluminum instead of steel?
    • ⤷ Is there an AC voltage version of the LNC30T series?