AI

The **LNC30T-R22** is a specialized electronic component, typically classified as a **High-Current Power Inductor** (Surface Mount Device - SMD). These components are critical for power management in modern electronics, particularly in high-frequency DC-DC converters.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.22 µH (Microhenries) |
| **Tolerance** | ±20% (Standard) |
| **Component Type** | Shielded Power Inductor |
| **Material** | Metal Alloy / Carbonyl Powder |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Type** | Composite (Molded) |
---
### 2. Core Electronic Features
#### A. High Saturation Current ($I_{sat}$)
The "R22" (0.22µH) value is low, which indicates the part is designed for **very high switching frequencies**. Because it uses a metal alloy composite core, it maintains its inductance even under heavy current loads, preventing "saturation" which could damage the circuit.
#### B. Low DC Resistance (DCR)
To minimize energy loss as heat, these parts are engineered with thick copper windings. This ensures high efficiency in power-hungry devices like laptops or servers.
#### C. Magnetic Shielding
The component is "molded," meaning the coil is encased in a magnetic metal powder. This design:
* Reduces **Electromagnetic Interference (EMI)**.
* Protects nearby sensitive components from magnetic fields.
* Results in a very low "buzz" or acoustic noise.
---
### 3. Common Applications
The LNC30T-R22 is typically found in the following electronic environments:
1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery systems.
2. **DC-DC Converters:** Buck, Boost, or Buck-Boost circuits in portable electronics.
3. **Telecom Infrastructure:** High-current power supplies for routers and base stations.
4. **Automotive Electronics:** Power filtering for ADAS or infotainment systems (if AEC-Q200 qualified).
---
### 4. Anatomy of the Part Number
While manufacturers vary slightly, the code usually breaks down as follows:
* **LNC:** Series identifier (typically a Molded Power Inductor series).
* **30:** Physical size (often 3.0mm x 3.0mm footprint).
* **T:** Packaging (usually "Tape and Reel").
* **R22:** Inductance value ($R = \text{decimal point}$, so $0.22 \mu H$).
- ⤷
What is the maximum current rating (Amperes) for the LNC30T-R22?
- ⤷ How does a metal alloy core compare to a traditional ferrite core?
- ⤷ Which manufacturers produce equivalents to the LNC series?