LOP476-R2T1-24
AI

The **LOP476-R2T1-24** is a specific part number for a Surface Mount Device (SMD) Light Emitting Diode (LED) manufactured by OSRAM Opto Semiconductors (now ams OSRAM). It belongs to the **Mini TOPLED** family.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Color** | Green (587 nm / 570 nm range) |
| **Luminous Intensity** | 112 mcd to 355 mcd |
| **Forward Voltage ($V_F$)** | Typ. 2.0V (Range: 1.8V - 2.4V) |
| **Operating Current ($I_F$)** | 20 mA (Standard test current) |
| **Viewing Angle** | 120° (Lambertian emitter) |
| **Package Type** | SMT (Mini TOPLED), white PLCC-2 package |
| **Mounting Type** | Surface Mount |
---
### 2. Breakdown of the Part Number
The alphanumeric code contains specific information about the binning and performance of the LED:
1. **LO**: Refers to the product family (Mini TOPLED).
2. **P476**: Refers to the specific LED chip technology (usually AlGaInP) and physical package size.
3. **R2T1**: This is the **Brightness Binning**. It indicates the luminous intensity range:
* **R2**: 140 – 180 mcd
* **S1**: 180 – 224 mcd
* **S2**: 224 – 280 mcd
* **T1**: 280 – 355 mcd
4. **24**: This is the **Color/Wavelength Binning**. It defines the specific shade of green/yellow-green within the 566 nm to 575 nm range.
---
### 3. Key Features and Applications
### Features
* **High Reliability:** Designed to withstand harsh environmental conditions, often meeting AEC-Q101 standards for automotive use.
* **Wide Viewing Angle:** The 120-degree angle makes it ideal for backlighting and indicators where uniform light distribution is required.
* **Compact Design:** The Mini TOPLED footprint is smaller than standard TOPLEDs, saving PCB real estate.
### Common Applications
* **Automotive:** Dashboard illumination, switches, and internal ambient lighting.
* **Industrial:** Status indicators on control panels and signal lights.
* **Consumer Electronics:** Backlighting for LCDs, keys, and buttons.
* **Telecommunications:** Indicator lights for routers and modems.
---
### 4. Typical Circuit Integration
When designing a circuit for this LED, a current-limiting resistor is required. Using Ohm's Law ($R = (V_{source} - V_F) / I_F$):
```python
# Example Calculation for a 5V Supply
V_source = 5.0 # Volts
V_f = 2.0 # Forward Voltage of LOP476
I_f = 0.02 # Target current 20mA
Resistor_Value = (V_source - V_f) / I_f
# Result: 150 Ohms
```
---
- ⤷What is the difference between the LOP476 and the standard TOPLED series?
- ⤷ Can this LED be used in outdoor displays without additional protection?
- ⤷ What are the soldering profile requirements for the PLCC-2 package?