LOR3-R0025-G
AI

### Overview of LOR3-R0025-G
The **LOR3-R0025-G** is a high-precision, low-resistance shunt resistor designed primarily for current sensing applications. It belongs to the **LOR series** (Open Air Metal Element Resistors) manufactured by companies like **LIZ Electronics** or similar precision component specialists.
---
### Technical Specifications
Below are the primary electronic characteristics of the LOR3-R0025-G:
| Feature | Specification |
| :--- | :--- |
| **Resistance Value** | 0.025 $\Omega$ (25 m$\Omega$) |
| **Power Rating** | 3 Watts |
| **Tolerance** | $\pm$ 2% (indicated by 'G') |
| **Technology** | Metal Element / Open Air |
| **Package Type** | Radial Lead (Through-Hole) |
| **Temperature Coefficient** | Low TCR (typically $\pm$50 to $\pm$100 ppm/°C) |
---
### Part Number Breakdown
Understanding the nomenclature helps identify its specific electronic properties:
* **LOR**: Series name (Low Ohmic Resistor / Open Air Metal Element).
* **3**: Power rating (3 Watts).
* **R0025**: Resistance value (0.025 Ohms).
* **G**: Resistance tolerance ($\pm$ 2%).
---
### Key Electronic Features
1. **Current Sensing:** Because of its extremely low resistance (25m$\Omega$), it is used to measure current by monitoring the voltage drop across the resistor ($V = I \times R$) with minimal energy loss.
2. **Open Air Design:** The "U-shaped" or "open air" metal element design allows for superior heat dissipation compared to standard ceramic resistors. This prevents the component from overheating during high-current loads.
3. **Low Inductance:** The simple metal wire/strip construction ensures low self-inductance, making it suitable for high-frequency switching power supplies.
4. **Flameproof Construction:** The materials used are generally non-flammable, ensuring safety in fault conditions.
---
### Typical Applications
* **Power Supplies:** Used in feedback loops for Switch Mode Power Supplies (SMPS).
* **Motor Control:** Monitoring current to prevent motor stalls or over-current damage.
* **Battery Management Systems (BMS):** Measuring charge and discharge cycles in battery packs.
* **Automotive Electronics:** Used in various vehicle control modules.
---
- ⤷
What is the maximum current this resistor can handle based on its 3W rating?
- ⤷ How does a 2% tolerance impact the accuracy of current sensing in a BMS?
- ⤷ Are there surface-mount (SMD) alternatives to the LOR series for space-constrained designs?