LOR3-R0025-H
AI

### Technical Overview of LOR3-R0025-H
The **LOR3-R0025-H** is a specialized high-precision current sensing resistor, typically manufactured by **Isabellenhütte** (a leading brand in high-end shunt resistors). This specific component belongs to the **LOR series**, which is designed for high-current applications where stability and low resistance are critical.
---
### 1. Component Specifications
Below are the primary technical characteristics for this specific part number:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.0025 $\Omega$ (2.5 m$\Omega$) | Very low resistance to minimize power loss. |
| **Tolerance** | ±1.0% | High precision for measurement accuracy. |
| **Power Rating** | 3 Watts (at 70°C) | Continuous power dissipation capability. |
| **Temperature Coefficient** | < 50 ppm/K | Excellent stability across temperature changes. |
| **Package / Case** | 2-Terminal Surface Mount | Optimized for automated assembly. |
| **Composition** | Manganin / Metal Element | High-grade alloy for linear performance. |
---
### 2. Key Features and Construction
* **Low Inductance:** Due to its flat metal element design, the LOR series has negligible inductance (< 3 nH), making it ideal for high-frequency switching applications.
* **Thermal Stability:** The use of proprietary alloys (like Manganin) ensures that the resistance does not drift significantly as the component heats up.
* **Heavy Copper Terminals:** The terminals are designed to handle high current density without localized overheating.
* **Long-term Stability:** Designed to maintain its resistance value over thousands of hours of operation (drift < 0.5%).
---
### 3. Applications
The LOR3-R0025-H is commonly found in circuits where current needs to be monitored and converted into a proportional voltage signal:
1. **Power Inverters:** Monitoring current flow in DC-AC conversion systems.
2. **Battery Management Systems (BMS):** Tracking charge and discharge cycles in electric vehicles or energy storage.
3. **Motor Control:** Providing feedback for closed-loop motor drive systems.
4. **Power Supplies:** Overcurrent protection and load regulation in high-wattage PSUs.
---
### 4. Circuit Implementation Example
In a standard current-sensing circuit, the voltage drop ($V$) across the resistor is measured using an operational amplifier.
```python
# Ohms Law Calculation for this part:
Resistance = 0.0025 # Ohms
Current = 20.0 # Amps
Voltage_Drop = Current * Resistance
# Result: 0.050V or 50mV
Power_Dissipated = (Current**2) * Resistance
# Result: 1.0 Watt (Well within the 3W rating)
```
- ⤷
What is the maximum current this resistor can handle before exceeding its 3W rating?
- ⤷ How does the 2-terminal design compare to a 4-terminal Kelvin connection for this resistance value?
- ⤷ What are the recommended PCB layout practices to minimize measurement errors for the LOR3 series?