Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LP2829

  • AI
    ## LP2829 Overview The **LP2829** is a high-performance, synchronous boost (step-up) converter designed for applications requiring high efficiency and compact size. It is commonly used in battery-powered devices to step up low voltages (like those from a Li-ion battery) to a stable higher output (like 5V). --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LP2829: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 2.5V to 5.5V | Suitable for single-cell Li-ion or USB power. | | **Output Voltage** | Up to 5.5V | Adjustable via external resistor divider. | | **Switching Frequency** | 1.2 MHz | High frequency allows for small inductors/capacitors. | | **Output Current** | Up to 2.1A | Sufficient for charging mobile devices or powering motors. | | **Efficiency** | Up to 93% | Minimizes heat and extends battery life. | | **Package** | SOT23-6 | Small footprint for space-constrained PCB designs. | --- ### 2. Core Features * **Synchronous Rectification:** Unlike standard boost converters that use a diode, the LP2829 uses an internal MOSFET for rectification. This significantly reduces power loss and eliminates the need for an external Schottky diode. * **Internal Soft-Start:** Reduces inrush current during startup to protect the battery and the IC. * **Protection Circuitry:** * **OCP:** Over Current Protection. * **OTP:** Over Temperature Protection (Thermal Shutdown). * **UVLO:** Under Voltage Lockout. * **True Shutdown:** When the device is disabled, it disconnects the input from the output, preventing current leakage. --- ### 3. Typical Application Circuit To function correctly, the LP2829 requires a few external passive components. Below is a representation of the typical setup: | Component | Function | | :--- | :--- | | **Inductor (L1)** | Stores energy during the "on" cycle (typically 2.2µH to 4.7µH). | | **Input Cap (Cin)** | Filters input noise (typically 10µF - 22µF Ceramic). | | **Output Cap (Cout)** | Smooths output voltage (typically 22µF Ceramic). | | **Resistor Divider** | Sets the specific output voltage level via the FB (Feedback) pin. | --- ### 4. Typical Use Cases 1. **Power Banks:** Stepping up 3.7V Li-ion battery voltage to 5V for USB charging. 2. **Portable Speakers:** Providing stable rails for Class-D amplifiers. 3. **IoT Devices:** Ensuring consistent 3.3V or 5V logic power from fluctuating battery levels. 4. **Handheld Instruments:** Powering sensors and LCD backlights. ---
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the output voltage using the feedback resistors?
    • ⤷ How does the 1.2MHz switching frequency affect the choice of inductor size?
    • ⤷ What are the specific pinout assignments for the SOT23-6 package?