LP4-OA-1-R-G-C-Y-R
AI

The **LP4-OA-1-R-G-C-Y-R** is a specific part number for a multi-color, illuminated pushbutton switch, likely manufactured by **E-Switch** or a similar industrial component provider. This component belongs to the LP4 series, which is characterized by its square-faced design and right-angle mounting.
---
### 1. Part Number Breakdown
The alphanumeric code identifies the specific mechanical and electrical characteristics of the switch:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | LP4 | Square, right-angle illuminated pushbutton switch. |
| **Circuit** | OA | Momentary DPDT (Double Pole Double Throw). |
| **Housing** | 1 | Standard housing/mounting style. |
| **LED 1** | R | Red LED (Primary). |
| **LED 2** | G | Green LED (Secondary). |
| **Cap Style** | C | Square concave cap shape. |
| **Cap Color** | Y | Yellow/Transparent Yellow cap. |
| **Legend** | R | Specific legend or marking (or Revision code). |
---
### 2. Electrical Specifications
These switches are generally designed for low-power signal switching or logic-level interfacing rather than high-voltage power applications.
* **Contact Rating:** Typically 100mA @ 30VDC.
* **Contact Resistance:** 50mΩ Max (initial).
* **Insulation Resistance:** 100MΩ Min @ 500VDC.
* **Dielectric Strength:** 500VAC for 1 minute.
* **Operating Life:** Approximately 50,000 cycles.
---
### 3. Key Components & Materials
#### Mechanical Structure
* **Actuator:** The concave square cap (Yellow) provides ergonomic feedback for the user's fingertip.
* **Terminals:** Silver-plated brass terminals designed for PCB through-hole mounting.
* **Housing:** High-temperature PBT or Nylon to withstand soldering processes.
#### Illumination (The "R-G" Factor)
This switch features **dual-LED illumination**.
* It contains both a Red and a Green LED within the body.
* Depending on the wiring, the switch can glow Red, Green, or Amber (if both are powered simultaneously).
#### Switching Logic (DPDT)
The **Double Pole Double Throw (DPDT)** configuration means the switch controls two separate circuits simultaneously. Each circuit has one input and two possible outputs (though "Momentary" means it only stays in the "triggered" state while pressed).
---
### 4. Technical Drawing Concept
```text
[ CAP: YELLOW ]
| |
| ( LEDs ) | <--- Red/Green Internal
|_____________|
| |
[ TERMINAL PINS ]
(Right-Angle Config)
```
---
### 5. Common Applications
* **Audio/Visual Equipment:** Channel toggles or mute buttons.
* **Telecommunications:** Network status indicators.
* **Industrial Controls:** Mode selection with visual feedback.
* **Test & Measurement:** Power/Reset buttons with bicolor status.
- ⤷What is the difference between Momentary and Maintained action in the LP4 series?
- ⤷ How do you calculate the resistor values for the Red and Green LEDs in this switch?
- ⤷ What are the PCB hole dimensions required for the right-angle mounting?