LP41CS6
AI

Based on technical specifications for the **LP41CS6**, this component is a **Logic Level N-Channel MOSFET** typically housed in a small surface-mount package like SOT-23. It is designed for low-voltage switching applications, particularly in power management for portable devices.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the LP41CS6:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 30 | V |
| **Continuous Drain Current** | $I_D$ | 4.0 - 5.8 | A |
| **Gate-Source Voltage** | $V_{GS}$ | ±12 | V |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~25 - 40 | mΩ |
| **Threshold Voltage** | $V_{GS(th)}$ | 0.7 - 1.5 | V |
---
### 2. Functional Components and Features
The LP41CS6 consists of several critical internal features that define its performance:
* **Logic Level Triggering:** The low $V_{GS(th)}$ allows the MOSFET to be fully "turned on" by low-voltage signals (1.8V, 2.5V, or 3.3V) directly from a microcontroller or logic IC.
* **Trench Technology:** It utilizes high-density cell design (Trench MOSFET) to minimize the $R_{DS(on)}$, which reduces power dissipation and heat during operation.
* **Built-in Protection:** Many variants include an integrated ESD protection diode between the gate and source to prevent damage from static discharge during handling or assembly.
---
### 3. Pin Configuration (SOT-23)
The device usually follows the standard SOT-23 pinout for N-Channel MOSFETs:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **Gate (G)** | Controls the state of the MOSFET (ON/OFF). |
| 2 | **Source (S)** | Connected to the lower potential (usually Ground). |
| 3 | **Drain (D)** | Connected to the Load. |
---
### 4. Typical Applications
Due to its small footprint and high efficiency, the LP41CS6 is found in:
1. **Battery Protection:** Switching circuits in Li-ion battery packs.
2. **Load Switching:** Turning peripheral components on/off to save power in smartphones.
3. **DC-DC Converters:** Serving as the switching element in small buck or boost converters.
4. **LED Driving:** Controlling small LED arrays.
- ⤷
What are the equivalent alternative parts for the LP41CS6?
- ⤷ How does the gate charge (Qg) affect the switching speed of this MOSFET?
- ⤷ Can this component be used in a 24V system safely?