Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LP8550TLX/NOPB.A

  • AI
    The **LP8550TLX/NOPB** is a high-efficiency LED backlight driver specifically designed for mobile devices, laptops, and tablet displays. It is manufactured by Texas Instruments and is known for its compact footprint and high integration. --- ## 1. Key Specifications | Parameter | Value / Description | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Function** | LED Driver (Backlight) | | **Input Voltage Range** | 2.7V to 22V | | **Output Channels** | 6 LED Strings | | **Current Per Channel** | Up to 50mA | | **Dimming Method** | PWM and I2C Control | | **Package Type** | DSBGA-25 (Thin Layer) | --- ## 2. Core Electronic Components & Features ### A. Integrated Boost Converter The chip features an internal asynchronous boost converter. It steps up the input voltage ($V_{IN}$) to a higher level required to drive multiple LEDs in a series (up to 25V). It uses an external inductor and a Schottky diode to manage the power conversion. ### B. Constant Current Sinks The LP8550 contains **6 high-precision current sinks**. This ensures that each LED string receives the exact same amount of current, providing uniform brightness across the entire display screen. ### C. Digital Interface (I2C) This part communicates via an **I2C-compatible interface**. This allows the system microcontroller to: * Adjust brightness levels (256 steps). * Read fault status (over-temperature, open LED, etc.). * Configure the boost converter frequency. ### D. Dimming Control The device supports two primary dimming modes: 1. **PWM Dimming:** The brightness is controlled by the duty cycle of an external signal. 2. **I2C Dimming:** The brightness is set via internal registers, allowing for smooth transitions without needing an external PWM clock. --- ## 3. Typical Application Circuit To function, the LP8550 requires several external passive components: ```mermaid graph LR Vin --> Inductor Inductor --> Diode Diode --> Vout Vout --> LED_Strings LED_Strings --> LP8550_Sinks LP8550_Sinks --> Ground ``` * **Inductor ($10\mu H - 22\mu H$):** Stores energy for the boost stage. * **Schottky Diode:** Rectifies the boost output. * **Capacitors:** Input and output capacitors (low ESR ceramic) to filter noise. --- ## 4. Common Use Cases * **MacBook Logic Boards:** This IC is famously used in various Apple MacBook models as the primary backlight driver. * **High-End Tablets:** Devices requiring high-contrast ratios and efficient battery usage. * **Industrial Displays:** Small to medium-sized LCD panels.
    ✨ Follow-up Questions
    • ⤷What are the most common failure symptoms of the LP8550 in laptop repair?
    • ⤷ How does the 'Phase Shift' feature in the LP8550 improve power efficiency?
    • ⤷ What is the difference between the TLX and other suffixes for this part?