Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LP8553TLE

  • AI
    ## Overview of the LP8553TLE The **LP8553TLE** is a high-efficiency LED driver designed primarily for backlighting applications in mobile devices, tablets, and laptops. It is manufactured by Texas Instruments and is known for its ability to drive multiple LED strings while maintaining high precision and low power consumption. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LP8553TLE: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7V to 22V | | **Output Channels** | 6 High-precision Current Sinks | | **Current per Channel** | Up to 50mA | | **Boost Converter Frequency** | Programmable (up to 1MHz) | | **Dimming Ratio** | 1000:1 (PWM) | | **Interface** | I2C and PWM | | **Package** | DSBGA (25-bump) | --- ### 2. Functional Components The internal architecture of the LP8553TLE consists of several critical electronic sections: #### A. Integrated Boost Converter * **Purpose:** Steps up the input voltage ($V_{IN}$) to a higher voltage required to drive series-connected LEDs. * **Mechanism:** Uses an external inductor and Schottky diode. It features adaptive voltage control to minimize power dissipation across the current sinks. #### B. LED Current Sinks * **Precision:** The 6 current sinks are designed to match perfectly, ensuring uniform brightness across the entire display. * **Flexibility:** Unused sinks can be disabled or tied together to increase the total current capacity for a single string. #### C. Control and Interface Logic * **I2C Interface:** Allows for digital configuration of brightness, slope control, and fault monitoring. * **PWM Input:** Provides a direct hardware method for adjusting brightness, often used for fast response times in display dimming. --- ### 3. Protection Features To ensure long-term reliability in compact electronics, the LP8553TLE includes several safety mechanisms: 1. **Over-Voltage Protection (OVP):** Prevents damage if the LED string is disconnected. 2. **Over-Current Protection (OCP):** Limits current to protect the internal MOSFET. 3. **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safe limits. 4. **Open/Short LED Detection:** Identifies faulty LED strings and reports the status via the I2C register. --- ### 4. Typical Application Circuit When designing with the LP8553TLE, the following external components are required: ```mermaid graph LR Vin(Input Voltage) --> Inductor Inductor --> Diode Diode --> Vout(LED Strings) Vout --> LP8553(LP8553 Current Sinks) MCU(Microcontroller) -- I2C/PWM --> LP8553 ``` * **Inductor:** Typically 4.7µH to 10µH. * **Capacitors:** Low-ESR ceramic capacitors for input and output filtering. * **Resistors:** Set points for maximum current and frequency.
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of using the LP8553TLE over a standard linear LED driver?
    • ⤷ How does the adaptive boost control in this chip help improve battery life?
    • ⤷ Can the LP8553TLE be used to drive RGB LEDs or is it strictly for white backlighting?