AI

The **LPA-13P1W-R** is a specific model of an **Audio Indicator (Piezoelectric Buzzer)**. It is primarily used to provide audible feedback or alarms in electronic circuits. This component is known for its compact size, low power consumption, and reliability.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The following table highlights the core technical parameters of the LPA-13P1W-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Piezoelectric Indicator (Internal Circuitry) |
| **Rated Voltage** | 12V DC |
| **Operating Voltage Range** | 3V to 20V DC |
| **Current Consumption** | ≤ 10mA (at Rated Voltage) |
| **Sound Pressure Level (SPL)** | ≥ 80dB (at 10cm / 12V DC) |
| **Resonant Frequency** | 4,000Hz ± 500Hz |
| **Tone Type** | Continuous |
| **Mounting Type** | Through-hole (Pins) |
| **Housing Material** | PBT (Plastic) |
---
### 2. Key Features and Design
* **Built-in Drive Circuit:** Unlike "transducers" which require an external oscillating signal, the LPA-13P1W-R is an **indicator**. This means it has an internal oscillator; you simply apply a DC voltage to the pins, and it produces sound.
* **Piezoelectric Technology:** It utilizes a piezoelectric ceramic plate. When voltage is applied, the plate deforms and vibrates, creating sound waves. This is much more energy-efficient than electromagnetic buzzers.
* **Compact Form Factor:** The "13" in the part number often refers to the diameter (approx. 13.8mm), making it suitable for space-constrained PCB designs.
* **Polarity:** As a DC component, it is polarity-sensitive. The longer lead or the marking on the housing typically indicates the **Positive (+)** terminal.
---
### 3. Application Circuit Example
To integrate this part into a microcontroller circuit (like an Arduino or ESP32), you typically use a transistor as a switch because the buzzer may draw more current than a GPIO pin can safely provide.
```cpp
// Simple Arduino code to activate the buzzer
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
digitalWrite(buzzerPin, HIGH); // Buzzer turns ON (Constant Tone)
delay(1000); // Wait 1 second
digitalWrite(buzzerPin, LOW); // Buzzer turns OFF
delay(1000); // Wait 1 second
}
```
---
### 4. Common Use Cases
* **Home Appliances:** Microwave beeps, washing machine alerts.
* **Industrial Equipment:** Fault alarms and status indicators.
* **Consumer Electronics:** Confirming button presses or low battery warnings.
* **Medical Devices:** Patient monitors and portable diagnostic tools.
- ⤷
What is the difference between a Piezo Indicator and a Piezo Transducer?
- ⤷ Can I control the pitch of the LPA-13P1W-R using PWM?
- ⤷ How do I calculate the series resistor needed if my supply voltage is 24V?