AI

The **LPA-14PA-R** is an electronic component typically categorized as a **Piezoelectric Indicator** or **Audio Transducer (Buzzer)**. These parts are widely used in consumer electronics, medical devices, and industrial control panels to provide audible feedback or alarms.
---
### 1. General Specifications
While specific data can vary slightly by manufacturer (often associated with brands like **Mallory Sonalert** or **Intervox**), the typical specifications for this series are as follows:
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | Piezo Indicator (with Internal Circuitry) |
| **Operating Voltage** | 3V - 20V DC |
| **Rated Voltage** | 12V DC |
| **Current Consumption** | 8mA - 15mA (Max) |
| **Sound Pressure Level (SPL)** | 85dB - 95dB at 10cm |
| **Resonant Frequency** | 3,500 Hz ± 500 Hz |
| **Tone Type** | Continuous |
| **Mounting Type** | PC Pin (Through-Hole) |
---
### 2. Internal Components & Technology
The "LPA" series utilizes **Piezoelectricity** rather than electromagnetic coils. Here is how the internal parts work:
* **Piezoelectric Ceramic Disc:** A ceramic material bonded to a metal plate. When voltage is applied, the material physically deforms.
* **Oscillator Circuit:** The "PA" suffix often denotes that it contains an **internal drive circuit**. This means you only need to apply a DC voltage to trigger the sound; you do not need an external AC signal.
* **Resonant Chamber:** The plastic housing (usually PBT or ABS) is shaped specifically to amplify the sound waves generated by the disc.
---
### 3. Pinout and Installation
The device features a simple two-pin interface:
1. **Positive (+) Pin:** Connected to the DC supply (e.g., a microcontroller GPIO pin or a power rail via a transistor).
2. **Negative (-) Pin:** Connected to Ground (GND).
```cpp
// Example: Driving the LPA-14PA-R with an Arduino
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
digitalWrite(buzzerPin, HIGH); // Sound ON
delay(1000);
digitalWrite(buzzerPin, LOW); // Sound OFF
delay(1000);
}
```
---
### 4. Key Advantages
* **Low Power Consumption:** Because it is piezo-based, it draws significantly less current than electromagnetic buzzers.
* **Solid State:** No moving parts (like a striker), leading to high reliability and a long lifespan.
* **Wide Voltage Range:** It can operate on both 5V logic and 12V industrial systems without requiring different components.
- ⤷
What is the difference between an 'Indicator' and a 'Transducer' in piezo electronics?
- ⤷ Can I control the volume of the LPA-14PA-R using PWM?
- ⤷ What are the common failure modes for this type of piezo buzzer?