LPA-41MFW-R
AI

The **LPA-41MFW-R** is a specific electronic component, typically categorized as a **Panel Mount LED Indicator** or a **Light Pipe assembly**. These components are essential for providing visual status feedback on the exterior of an electronic enclosure or interface.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The "LPA" prefix usually denotes **Light Pipe Adapter** or **LED Panel Assembly**. These parts are designed to bridge the gap between a PCB-mounted LED and the front panel of a device.
| Property | Description |
| :--- | :--- |
| **Component Type** | LED Indicator / Light Pipe Assembly |
| **Mounting Style** | Panel Mount (typically threaded or snap-in) |
| **Termination** | Lead wires or solder terminals |
| **Lens Shape** | Flat or Domed (specific to "MFW" suffix) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Electronic Characteristics
While these parts often house a standard LED, the internal configuration depends on the "MFW" designation, which typically refers to **Multi-Function** or **Wide-Voltage** capabilities.
* **Operating Voltage:** Often designed for 12V or 24V DC systems, though some variants are 120V AC compatible.
* **Integrated Resistor:** These units usually feature a built-in current-limiting resistor, allowing them to be connected directly to a power source without external circuitry.
* **Illumination:** High-intensity output designed for visibility in ambient light environments.
* **Polarity:** Standard DC units are polarity-sensitive (Anode/Cathode), while AC/DC units may include an internal bridge rectifier.
---
### 3. Structural Components
The LPA-41MFW-R consists of three primary physical layers:
1. **The Housing:** Typically made of nylon or chrome-plated brass to withstand industrial environments.
2. **The Light Pipe/Lens:** A polycarbonate or acrylic material that diffuses the light from the internal LED for a wider viewing angle.
3. **Sealing (IP Rating):** Many "MFW" models are rated **IP67**, making them water-resistant and dust-tight for outdoor or industrial use.
---
### 4. Typical Applications
* **Industrial Control Panels:** Showing "Power On" or "Fault" statuses.
* **Medical Equipment:** High-reliability visual indicators.
* **Telecommunications:** Network status displays on server racks.
* **Marine Electronics:** Due to the corrosion-resistant nature of the housing.
---
- ⤷
What is the specific input voltage range for the LPA-41MFW-R?
- ⤷ Does this model support multi-color (RGB) illumination or is it single-color?
- ⤷ What is the required panel cutout diameter for mounting this component?