AI

The **LPA-41P2W-R/Q** is a specialized electronic component, typically categorized as a **Piezoelectric Audio Indicator (Buzzer)**. These devices are designed to convert electrical signals into audible sound using the piezoelectric effect.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The following table summarizes the primary electrical and physical parameters common to this series:
| Parameter | Typical Value / Range | Unit |
| :--- | :--- | :--- |
| **Operating Voltage** | 3.0 – 24.0 | VDC |
| **Rated Voltage** | 12.0 | VDC |
| **Current Consumption** | Max 10 – 15 | mA |
| **Sound Pressure Level (SPL)** | Min 85 – 90 (at 30cm) | dB |
| **Resonant Frequency** | 2,800 ± 500 | Hz |
| **Tone Type** | Continuous / Fast Pulse | - |
| **Operating Temperature** | -20 to +70 | °C |
---
### 2. Key Electronic Features
#### A. Piezoelectric Diaphragm
Unlike electromagnetic buzzers that use a coil and magnet, the **LPA-41P2W-R/Q** utilizes a ceramic piezoelectric element. When a voltage is applied, the ceramic material deforms physically, vibrating a metal diaphragm to create sound waves.
#### B. Internal Drive Circuitry
The "P" in the part number often indicates a **Plug-in** or **Pinned** type with an internal oscillating circuit.
* **Active Device:** This is an "Active Buzzer." You do not need to provide an external AC frequency; simply applying a steady DC voltage will trigger the sound.
* **Low Power Consumption:** Because it is piezo-based, it consumes significantly less current than magnetic alternatives, making it ideal for battery-operated devices.
#### C. Mounting and Housing
* **Termination:** The "W" usually signifies "Wire Leads," meaning the device connects to a PCB or power source via insulated copper wires rather than pins.
* **Housing:** Typically constructed from PBT (Polybutylene Terephthalate) or ABS plastic, which provides durability and heat resistance during operation.
---
### 3. Application Use-Cases
This component is commonly found in industrial and consumer electronics for status signaling:
1. **Industrial Controls:** Fault alarms or cycle-completion pings.
2. **Medical Equipment:** Heart rate monitors or low-battery alerts.
3. **Security Systems:** Panel entry chimes or sensor triggers.
4. **Household Appliances:** Microwave timers or washing machine end-of-cycle alerts.
---
### 4. Circuit Integration Example
To drive this part using a microcontroller (like an Arduino or ESP32), a simple transistor switch is recommended to protect the MCU pins from potential back-EMF or current spikes.
```cpp
// Simple Arduino pseudo-code to activate the buzzer
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
digitalWrite(buzzerPin, HIGH); // Turn buzzer ON
delay(1000); // Wait 1 second
digitalWrite(buzzerPin, LOW); // Turn buzzer OFF
delay(1000); // Wait 1 second
}
```
- ⤷
What is the difference between an active and a passive piezo buzzer?
- ⤷ How do I calculate the decibel drop over a specific distance for this part?
- ⤷ Are there waterproof versions of the LPA series available?