Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LPA-43M4W-R

  • AI
    The **LPA-43M4W-R** is a specialized radio frequency (RF) component, specifically a **4.3-10 Male to 4.3-10 Male 4-Way Power Divider/Splitter**. It is primarily used in telecommunications infrastructure, such as Distributed Antenna Systems (DAS) and Small Cell deployments. --- ### 1. Technical Specifications The following table outlines the key electronic and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | Typically 698 MHz – 2700 MHz (Broadband) | | **Connector Type** | 4.3-10 Male (Input) to 4.3-10 Male (Outputs) | | **Number of Ways** | 4-Way Split | | **Insertion Loss** | ≤ 6.6 dB (Typical for 4-way split) | | **Impedance** | 50 Ohms | | **PIM (Passive Intermodulation)** | ≤ -161 dBc @ 2x43 dBm | | **Power Rating** | 300W - 500W (Average) | | **Ingress Protection** | IP67 (Weatherproof for outdoor use) | --- ### 2. Key Electronic Components & Design #### A. 4.3-10 Connector Interface Unlike older DIN 7/16 connectors, the **4.3-10** interface is designed to be more compact while offering superior PIM performance. The "R" in the model often signifies a specific orientation or a "Ruggedized" build. #### B. Low PIM Design Passive Intermodulation (PIM) is a critical factor in modern LTE and 5G networks. This part is engineered with: * **Non-ferrous materials:** To prevent magnetic interference. * **Silver or Tri-metal plating:** To ensure high conductivity and stable connections. #### C. Power Distribution Logic Internally, the device utilizes a **reactive splitter** design (air-dielectric) rather than a Wilkinson (resistor-based) splitter. * **Benefit:** This allows for much higher power handling and lower loss. * **Function:** It takes a single input signal and divides it into four equal outputs with minimal phase deviation. --- ### 3. Common Applications * **DAS Systems:** Splitting a signal from a base station to multiple indoor antennas across different floors. * **Macro Cells:** Distributing power to multiple remote radio heads (RRH). * **Test Environments:** Used in labs where high-power RF signals need to be routed to multiple test benches simultaneously. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a reactive splitter and a Wilkinson splitter in RF applications?
    • ⤷ How does the 4.3-10 connector improve PIM performance compared to N-type connectors?
    • ⤷ Can this power divider be used for 5G mmWave frequencies above 6GHz?