LPAU-141MA-R
AI

The **LPAU-141MA-R** is a specific surface-mount (SMT) power inductor manufactured by **Cyntec**. It belongs to a category of high-performance, metal-alloy molded power inductors designed for modern power management circuits.
---
### ## Technical Specifications
Below are the typical technical parameters for this specific part series:
| Parameter | Description / Value |
| :--- | :--- |
| **Manufacturer** | Cyntec |
| **Component Type** | Molded Power Inductor |
| **Material** | Metal Alloy Powder |
| **Inductance** | 0.14 µH (Typical for the 141 series) |
| **Tolerance** | ±20% |
| **Structure** | Shielded (Magnetic) |
| **Operating Temp** | -55°C to +125°C |
---
### ## Key Features
1. **Low Profile Design:** The "LPAU" prefix indicates a low-profile architecture, making it suitable for compact electronics like smartphones, tablets, and thin laptops.
2. **Metal Alloy Core:** Unlike traditional ferrite cores, the metal alloy construction provides a "soft" saturation characteristic. This means the inductance drops gradually as current increases, preventing sudden circuit failure.
3. **High Efficiency:** It is designed with low DC Resistance (DCR) and low AC loss, which minimizes heat generation and maximizes battery life in portable devices.
4. **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
---
### ## Applications
The LPAU-141MA-R is primarily used in **DC-DC Converter** applications, specifically:
* **Point of Load (POL) Converters:** Used in CPUs and GPUs for power regulation.
* **Voltage Regulator Modules (VRM):** Common in high-end computing.
* **Mobile Devices:** Powering internal chipsets where space is at a premium.
---
### ## Equivalent/Alternative Parts
If you are sourcing this part, you might look for alternatives from these series:
* **Vishay:** IHLP series.
* **TDK:** SPM series.
* **Murata:** DFE series.
- ⤷What is the exact current rating (Amps) for the LPAU-141MA-R?
- ⤷ How does a metal alloy core differ from a ferrite core in power inductors?
- ⤷ What are the physical dimensions (footprint) of this component?