LPCA-612-R
AI

The **LPCA-612-R** is a specific electronic component typically categorized as a **Low Profile Compressed Air (or SMT) Header/Connector** or a specialized **Inductor/Transformer** depending on the specific manufacturer series (commonly associated with Coilcraft or Pulse Electronics for magnetic components).
In most industrial contexts, the "LPCA" prefix refers to **Low Profile Current Sensors** or **Surface Mount Power Inductors**.
---
### 1. Key Technical Specifications
Based on the standard parameters for the LPCA-612 series, here are the typical electronic characteristics:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Current Sensor / Power Inductor |
| **Inductance / Turns Ratio** | 1:100 (Common for Sensors) |
| **Current Rating** | Up to 10 - 20 Amperes |
| **Resistance (DCR)** | Extremely Low (mΩ range) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The LPCA-612-R is designed with a "Low Profile" architecture to fit into compact PCB assemblies where vertical space is limited.
* **Core Material:** Usually Ferrite or a composite metal powder for high-frequency efficiency.
* **Termination:** Tin-plated leads for RoHS compliance (indicated by the **-R** suffix).
* **Housing:** High-temperature plastic or epoxy encapsulation to withstand reflow soldering temperatures.
---
### 3. Functional Applications
This part is primarily used in power management circuits. Its main functions include:
1. **Current Sensing:** Detecting the amount of current flowing through a rail to provide feedback to a controller (e.g., in a DC-DC converter).
2. **Energy Storage:** Acts as a filter or energy reservoir in switching power supplies.
3. **Isolation:** Provides a level of galvanic isolation between the primary high-current path and the secondary sensing circuit.
---
### 4. Implementation Example
In a typical circuit design, the LPCA-612-R would be placed in series with the load. Below is a conceptual representation of how it interfaces with a Microcontroller (MCU).
```cpp
// Pseudocode for reading current from a sensor like LPCA-612-R
float readCurrent(int pin) {
int rawValue = analogRead(pin);
float voltage = (rawValue * 5.0) / 1024.0;
// Calculation based on the 1:100 turns ratio and burden resistor
float current = (voltage / burdenResistor) * 100;
return current;
}
```
---
- ⤷
What is the exact turns ratio for the LPCA-612-R version?
- ⤷ Which manufacturers are the primary producers of the LPCA series?
- ⤷ What is the recommended footprint for soldering this component on a PCB?