LPD-11MC-R/Q
AI

The **LPD-11MC-R/Q** is a high-performance **Directional Coupler** typically used in RF (Radio Frequency) and microwave applications. It is designed to sample a specific amount of signal power from a transmission line without significantly disrupting the main signal flow.
---
### 1. Key Technical Specifications
The "R/Q" suffix often denotes specific packaging or qualification standards (such as RoHS compliance or high-reliability testing). Below are the core electronic characteristics typical for this series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Frequency Range** | 1.0 GHz to 11.0 GHz (Wideband) |
| **Nominal Coupling** | 10 dB to 20 dB (Depending on specific sub-model) |
| **Coupling Flatness** | ±1.0 dB |
| **Directivity** | 15 dB to 20 dB (Minimum) |
| **Main Line VSWR** | 1.3:1 (Maximum) |
| **Power Handling** | 20W - 50W (Average) |
| **Impedance** | 50 Ohms |
---
### 2. Functional Components
The internal architecture of the LPD-11MC-R/Q consists of several critical electronic sections:
* **Stripline/Microstrip Circuitry:** The core of the device uses precision-etched copper traces on a low-loss dielectric substrate (like PTFE) to manage electromagnetic wave propagation.
* **Coupled Lines:** Two parallel transmission lines placed in close proximity. The electromagnetic field from the "Main" line induces a proportional signal in the "Coupled" line.
* **Termination Resistors:** High-precision internal resistors are used to terminate the isolated port, ensuring high directivity and preventing signal reflections.
* **Connectors:** Usually equipped with SMA Female connectors, engineered to minimize insertion loss at frequencies up to 11 GHz.
---
### 3. Connection Pinout/Ports
As a directional coupler, the device features four primary ports (though the isolated port is often internal):
1. **Input Port (P1):** Where the RF signal enters.
2. **Output Port (P2):** Where the main signal exits (with minimal loss).
3. **Coupled Port (P3):** Where a fraction of the input power (e.g., -10dB) is sampled.
4. **Isolated Port (P4):** Usually terminated internally; prevents reflected power from entering the coupled port.
---
### 4. Common Applications
* **Power Monitoring:** Measuring the output power of a transmitter in real-time.
* **Antenna VSWR Measurement:** Detecting reflected power to ensure antenna health.
* **Signal Sampling:** Diverting a small portion of a signal for analysis by a Spectrum Analyzer without interrupting the primary link.
* **Signal Leveling:** Part of an Automatic Gain Control (AGC) loop in microwave links.
---
- ⤷What is the difference between the R and Q versions of this component?
- ⤷ How does 'Directivity' affect the measurement accuracy of this coupler?
- ⤷ Can this component be used in 5G NR frequency bands?