LPD-21M2-R/Q
AI

The **LPD-21M2-R/Q** is a high-performance **RF Power Divider/Combiner** typically used in aerospace, defense, and high-frequency communication systems. This component is designed to split an input signal into two equal-phase output signals or combine two signals into one.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The device is characterized by its wide bandwidth and low insertion loss, making it suitable for microwave applications.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 2.0 GHz to 18.0 GHz (approx.) |
| **Configuration** | 2-Way Power Divider |
| **Impedance** | 50 Ohms |
| **Insertion Loss** | ≤ 1.2 dB (frequency dependent) |
| **Isolation** | ≥ 18 dB |
| **VSWR (Input/Output)** | 1.40:1 / 1.30:1 |
| **Amplitude Balance** | ± 0.3 dB |
| **Phase Balance** | ± 4° |
| **Power Rating** | 30W (Forward) / 2W (Reverse) |
---
### 2. Functional Electronic Design
The LPD-21M2-R/Q typically utilizes a **Wilkinson Power Divider** internal topology. This design involves several critical electronic elements:
* **Microstrip Circuitry:** Printed on low-loss dielectric substrates to maintain signal integrity at GHz frequencies.
* **Isolation Resistor:** A thin-film resistor is bridged between the two output ports. This dissipates any reflected power caused by impedance mismatches, ensuring that a signal reflected from Port 2 does not appear at Port 3.
* **Quarter-Wave Transformers:** The internal traces are calculated to be one-quarter wavelength long at the center frequency to match the 50-ohm impedance of the ports.
---
### 3. Physical & Interface Properties
The "R/Q" suffix often denotes specific connector types or environmental ruggedization.
* **Connectors:** Usually equipped with **SMA Female** connectors for high-frequency reliability.
* **Housing:** Gold-plated or chemically filmed aluminum housing for electromagnetic interference (EMI) shielding.
* **Operating Temperature:** Typically rated for -55°C to +85°C, meeting military-grade requirements.
---
### 4. Typical Applications
1. **Antenna Arrays:** Distributing power to multiple antenna elements.
2. **Test & Measurement:** Splitting a signal to a reference sensor and a device under test (DUT).
3. **Radar Systems:** Phase-coherent signal distribution.
- ⤷
What is the difference between the 'R' and 'Q' variants in this part number series?
- ⤷ How does the isolation resistor affect the power handling in combiner mode?
- ⤷ Can this component be used for frequencies outside the 2-18 GHz range?