LPD-33P1-R/Q
AI

The **LPD-33P1-R/Q** is a high-performance, surface-mount (SMD) Photodiode designed for high-speed optical communications and fiber-optic sensing. It typically belongs to the InGaAs (Indium Gallium Arsenide) family, optimized for the near-infrared spectrum.
### 1. Key Technical Specifications
The following table outlines the typical electronic characteristics for this series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Active Area Diameter** | 30 - 75 (model dependent) | μm |
| **Spectral Range** | 800 - 1700 | nm |
| **Responsivity (at 1310/1550nm)** | 0.85 - 0.95 | A/W |
| **Dark Current (at -5V)** | < 0.5 | nA |
| **Capacitance** | 0.4 - 0.7 | pF |
| **Bandwidth (-3dB)** | 2.5 - 3.5 | GHz |
---
### 2. Physical and Material Composition
* **Material:** **InGaAs/InP**. This material is preferred over Silicon for telecommunications because it has high sensitivity in the C-band and L-band (1550nm region).
* **Package Type:** Usually a **Mini-SMD** or a **Receptacle** style (hence the "R/Q" suffix variations).
* **"R"** often denotes a Receptacle (connectorized) design.
* **"Q"** may denote specific testing standards or high-speed pinout configurations.
* **Active Diameter:** The "33" in the part number often hints at a specific active area size (e.g., 30-33 microns), which is critical for balancing speed (smaller is faster) and alignment ease.
---
### 3. Electronic Functionality
The LPD-33P1 functions as a **PIN Photodiode**. Its operation involves three main stages:
1. **Photon Absorption:** Light enters the InGaAs layer, creating electron-hole pairs.
2. **Carrier Drift:** Under a reverse bias (typically 2V to 5V), the electric field sweeps these carriers to the electrodes.
3. **Signal Output:** The resulting photocurrent is proportional to the optical power input, which is then usually amplified by a Transimpedance Amplifier (TIA) in the next stage of the circuit.
---
### 4. Typical Applications
* **Fiber Optic Receivers:** Used in SFP/SFP+ transceivers for data rates up to 2.5Gbps or 4Gbps.
* **Optical Power Monitoring:** Tracking signal strength in long-haul networks.
* **OTDRs:** Optical Time Domain Reflectometry for cable testing.
* **Sensing:** Industrial IR gas sensing or distance measurement.
- ⤷
What is the difference between the R and Q versions of this photodiode?
- ⤷ Can this component be used in 10Gbps communication networks?
- ⤷ What are the recommended bias voltage settings for optimal bandwidth?