LPD-41P4-R
AI

The **LPD-41P4-R** is a high-performance, surface-mount (SMD) Photodiode designed for high-speed fiber optic communication and optical sensing. It is primarily used to convert light signals into electrical currents.
---
## 1. Core Technical Specifications
The following table highlights the primary electronic characteristics of the LPD-41P4-R:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Spectral Sensitivity Range** | 1100 – 1650 | nm (Infrared) |
| **Peak Sensitivity Wavelength** | 1310 / 1550 | nm |
| **Responsivity** | 0.85 – 0.95 | A/W |
| **Dark Current (Id)** | < 0.5 | nA |
| **Capacitance** | 0.5 - 0.7 | pF |
| **Rise/Fall Time** | 0.1 - 0.3 | ns |
| **Package Type** | SMD / Mini-Pigtail | - |
---
## 2. Key Electronic Components & Features
### A. Material Composition (InGaAs)
The device utilizes **Indium Gallium Arsenide (InGaAs)**. This is a critical electronic choice because InGaAs provides high quantum efficiency in the Near-Infrared (NIR) spectrum, making it ideal for fiber optic data transmission where silicon sensors are ineffective.
### B. High Speed (Bandwidth)
Due to its very low internal capacitance (approx. 0.5 pF), the LPD-41P4-R can switch states extremely quickly. This allows for data rates reaching up to **2.5 Gbps to 10 Gbps**, depending on the specific circuit integration.
### C. Low Dark Current
The "Dark Current" is the residual current that flows through the photodiode even when no light is present. At less than 0.5nA, this part ensures a very high **Signal-to-Noise Ratio (SNR)**, allowing for the detection of very faint optical signals.
---
## 3. Circuit Integration Example
To use the LPD-41P4-R, it is typically connected in a **Reverse Bias** configuration to a Transimpedance Amplifier (TIA).
```c
// Simplified Logic of Signal Conversion
1. Photon hits InGaAs active area.
2. Electron-hole pairs are generated.
3. Reverse bias sweeps carriers to terminals (Current I_out).
4. TIA converts I_out to Voltage (V_out).
```
---
## 4. Common Applications
* **Fiber to the Home (FTTH):** Receiving optical signals in GPON/EPON networks.
* **Optical Power Monitoring:** Measuring the strength of a laser beam in a system.
* **High-speed Data Links:** Used in SFP (Small Form-factor Pluggable) modules.
* **Industrial Sensing:** Precision NIR light detection.
- ⤷
What is the maximum data rate supported by the LPD-41P4-R?
- ⤷ How does the reverse bias voltage affect the dark current in this photodiode?
- ⤷ Can this part be used for visible light detection
- ⤷ or is it strictly infrared?