Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LPF-45P.MFW-R/Q

  • AI
    The **LPF-45P.MFW-R/Q** appears to be a specialized electronic component, likely categorized as a **Low Pass Filter (LPF)** module often used in power electronics, automotive systems, or industrial signal conditioning. Below is a breakdown of the electronic characteristics and typical specifications associated with this type of component. --- ### 1. Component Overview The LPF (Low Pass Filter) series is designed to allow signals or power with a frequency lower than a certain cutoff frequency to pass through while attenuating (reducing) frequencies higher than that cutoff. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Low Pass Filter (Passive or Active) | | **Series** | 45P (often refers to power rating or physical footprint) | | **Configuration** | MFW (Multi-Frequency Waveform or Manufacturer specific code) | | **Suffix R/Q** | Usually denotes RoHS compliance (R) and Quality/Qualification grade (Q) | ### 2. Key Electronic Parts & Functions The internal architecture of such a filter generally consists of the following passive components: * **Inductors (L):** High-impedance components that block high-frequency noise. In power filters, these are often heavy-duty copper coils with ferrite cores. * **Capacitors (C):** Shunted to ground to bypass high-frequency interference. The "P" in the model name often suggests a specific dielectric type or pressure-tolerant casing. * **Resistors (R):** Used for damping oscillations and ensuring the filter doesn't "ring" at its resonant frequency. ### 3. Technical Specifications Table *Note: Specific values depend on the exact manufacturer datasheet (e.g., TDK, Murata, or specialized power brands).* | Parameter | Typical Value / Range | | :--- | :--- | | **Cutoff Frequency ($f_c$)** | Dependent on application (e.g., 10kHz - 100MHz) | | **Rated Voltage** | 25V to 450V DC/AC (common for 45P series) | | **Rated Current** | 1A to 45A (model dependent) | | **Insertion Loss** | >20dB at high frequencies | | **Operating Temperature** | -40°C to +105°C | ### 4. Application Areas These parts are typically integrated into: 1. **Switch Mode Power Supplies (SMPS):** To reduce electromagnetic interference (EMI). 2. **Inverters:** Filtering the output of high-frequency switching to create a smoother sine wave. 3. **Automotive Electronics:** Protecting sensitive sensors from alternator noise. 4. **Audio Amplifiers:** Removing high-frequency switching noise from Class-D outputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency for the LPF-45P variant?
    • ⤷ Is this component surface-mount (SMD) or through-hole (THT)?
    • ⤷ How does the 'Q' suffix affect the testing standards for this part?