LPF1280T-331M
AI

The **LPF1280T-331M** is a high-performance, shielded Power Inductor. It is commonly used in DC-DC conversion and power management circuits to store energy and filter out high-frequency noise.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 330 µH (indicated by "331") |
| **Tolerance** | ±20% (indicated by "M") |
| **Case Size** | Approx. 12.0 x 12.0 x 8.0 mm |
| **Shielding** | Magnetic Shielding (Low EMI) |
| **Mounting Type** | SMD (Surface Mount Device) |
---
### 2. Key Components & Construction
The LPF1280T-331M is composed of several critical electronic elements that define its performance:
* **Ferrite Core:** The central "drum" core is made of a high-permeability ferrite material. This material allows for high energy storage within a compact volume.
* **Copper Winding:** A precision-wound copper wire creates the inductance. The thickness of this wire determines the **DCR (Direct Current Resistance)** and the maximum current the part can handle without overheating.
* **Magnetic Shield:** The inductor is encapsulated in a magnetic sleeve or resin. This prevents magnetic flux from leaking out, which protects nearby sensitive components from Electromagnetic Interference (EMI).
* **Lead-Free Terminations:** The pads are typically tin-plated to ensure reliable soldering during the SMT (Surface Mount Technology) process.
---
### 3. Functional Application
In an electronic circuit, the LPF1280T-331M performs the following roles:
1. **Energy Storage:** In switching regulators (Buck/Boost converters), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle.
2. **Filtering:** It acts as a Low Pass Filter (LPF), allowing DC current to pass while blocking high-frequency AC ripples.
3. **Noise Suppression:** Due to its shielded nature, it is ideal for use in automotive electronics, industrial power supplies, and LED drivers where noise sensitivity is high.
---
### 4. Circuit Symbol and Footprint
In schematic design software (like Altium or KiCad), the part is represented as follows:
```text
L1 (330uH)
----(UUU)----
| |
(Shielded)
```
- ⤷
What are the maximum rated current and saturation current for this specific inductor?
- ⤷ How does magnetic shielding impact the performance of the LPF1280T series compared to non-shielded types?
- ⤷ Which DC-DC converter topologies are most compatible with a 330µH inductance value?