Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LPF2810T-331M

  • AI
    The **LPF2810T-331M** is a miniature, surface-mount (SMD) power inductor commonly used in compact electronic devices for power management and signal filtering. --- ## 1. Technical Specifications The part number follows a standard nomenclature typical of manufacturers like Taiyo Yuden or similar high-frequency component specialists. | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 330 µH (indicated by "331") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | Approx. 2.8mm x 2.8mm | | **Height** | Max 1.0mm ("10T" often refers to thickness) | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Electronic Characteristics ### A. Inductance (330 µH) The primary role of this part is to store energy in a magnetic field. A value of 330 µH is relatively high for this physical size, suggesting it is designed for low-current applications that require significant filtering or voltage smoothing. ### B. Magnetic Shielding The "LPF" series usually features a shielded construction. This is critical in modern electronics because: * It prevents electromagnetic interference (EMI) from leaking out and affecting nearby components. * It protects the inductor from external magnetic fields. ### C. DC Resistance (DCR) Due to its small size and high inductance, this part will have a measurable internal resistance. This causes a small amount of heat generation when current flows through it. Designers must ensure the operating current does not exceed the **Rated Current** to avoid saturation. --- ## 3. Common Applications This specific inductor is typically found in: 1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to step voltage up or down efficiently. 2. **LCD Panels:** Providing stable power to thin-film-transistor (TFT) drivers. 3. **Portable Electronics:** Ideal for smartphones, tablets, and wearables due to the low-profile (1.0mm) height. 4. **Noise Decoupling:** Used in power lines to filter out high-frequency noise before it reaches sensitive ICs. --- ## 4. Handling and Soldering * **Moisture Sensitivity:** These parts are generally rated for standard reflow soldering profiles. * **Land Pattern:** Requires a specific PCB pad layout to ensure the 2.8mm footprint aligns correctly for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the LPF2810 series?
    • ⤷ How does the '331M' code translate to microhenries?
    • ⤷ What are the alternatives to LPF2810T if I need a higher current rating?