LPF3513T-331M
AI

The **LPF3513T-331M** is a high-performance power inductor, typically categorized as a surface-mount device (SMD) used in power management and filtering circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LPF** | Series Name | Low Profile Power Inductor |
| **3513** | Dimensions | Approx. 3.5mm x 3.5mm x 1.3mm |
| **T** | Packaging | Tape and Reel |
| **331** | Inductance Code | $33 \times 10^1 = 330 \mu H$ |
| **M** | Tolerance | $\pm 20\%$ |
---
### 2. Technical Specifications
While exact specifications can vary slightly by manufacturer (such as Taiyo Yuden or Chilisin), the general parameters for this part are:
* **Inductance:** $330 \mu H$
* **DC Resistance (DCR):** High (relative to lower inductance values), typically in the range of $3 \Omega$ to $5 \Omega$.
* **Rated Current ($I_{sat}$):** Usually between $150mA$ to $250mA$.
* **Operating Temperature:** $-40^\circ C$ to $+125^\circ C$ (including self-heating).
* **Shielding:** Usually magnetically shielded to minimize Electromagnetic Interference (EMI).
---
### 3. Key Electronic Functions
The LPF3513T-331M serves several critical roles in a circuit:
1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the switching cycle.
2. **Filtering:** Due to its high inductance ($330 \mu H$), it is excellent at smoothing out high-frequency noise and ripples in power lines.
3. **EMI Suppression:** The shielded construction prevents the magnetic flux from interfering with adjacent sensitive components on the PCB.
---
### 4. Typical Applications
Because of its small footprint and relatively high inductance, it is found in:
* **LCD Displays:** Powering the backlight or bias circuits.
* **Portable Electronics:** Smartphones, tablets, and wearables where height (1.3mm) is restricted.
* **Sensors:** Filtering power for low-current analog sensors.
---
### 5. Footprint (Top View)
```text
3.5mm
+---------+
| |
| (331) | 3.5mm
| |
+---------+
Height: 1.3mm
```
- ⤷
What is the saturation current (Isat) for this specific inductor?
- ⤷ Can this inductor be used in a high-speed switching regulator above 2MHz?
- ⤷ What are the recommended PCB land pattern dimensions for the 3513 package?