Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LPFN

  • AI
    The term **LPF** stands for **Low-Pass Filter**. In electronics, this is a circuit that allows signals with a frequency lower than a certain "cutoff frequency" to pass through while attenuating (reducing) signals with frequencies higher than that cutoff. --- ### 1. Fundamental Electronic Components A Low-Pass Filter is typically constructed using two primary types of components: **Reactive** (Capacitors/Inductors) and **Resistive** (Resistors). | Component | Role in LPF | Function | | :--- | :--- | :--- | | **Resistor (R)** | Current Limiter | Provides a constant impedance to control the charging/discharging rate. | | **Capacitor (C)** | Frequency Selector | Its reactance ($X_C$) decreases as frequency increases, shunting high frequencies to ground. | | **Inductor (L)** | Frequency Selector | Its reactance ($X_L$) increases as frequency increases, blocking high-frequency signals. | | **Op-Amp** | Active Element | Used in "Active LPFs" to provide gain and prevent signal loading. | --- ### 2. Types of LPF Configurations #### Passive RC Low-Pass Filter The most common and simplest version uses a resistor and a capacitor. * **Circuit:** The resistor is in series with the input, and the capacitor is in parallel with the output. * **Behavior:** At high frequencies, the capacitor acts like a short circuit to ground, killing the signal. At low frequencies, it acts like an open circuit, allowing the signal to pass to the output. #### Passive RL Low-Pass Filter Uses a resistor and an inductor. * **Circuit:** The inductor is in series with the input, and the resistor is in parallel with the output. * **Behavior:** The inductor's resistance to AC (impedance) increases with frequency, effectively "blocking" high-frequency noise. --- ### 3. Key Technical Specifications When selecting electronic parts for an LPF, you must calculate these values: 1. **Cutoff Frequency ($f_c$):** The point where the output power drops to 50% (-3dB). * *Formula for RC:* $f_c = \frac{1}{2\pi RC}$ 2. **Roll-off:** How steeply the filter cuts the signal (measured in dB/decade). Adding more "stages" (more R-C pairs) increases the steepness. 3. **Tolerance:** The precision of the Resistor/Capacitor (e.g., 1% vs 5%) determines how accurate your cutoff frequency will be. --- ### 4. Typical Applications * **Audio:** Removing high-frequency hiss or directing low-end frequencies to a Subwoofer. * **Power Supplies:** Capacitors act as LPFs to remove AC ripple and provide smooth DC. * **Radio (RF):** Removing harmonic interference from a transmitted signal.
    ✨ Follow-up Questions
    • ⤷What is the difference between an active and a passive LPF?
    • ⤷ How do you calculate the cutoff frequency for an RL filter?
    • ⤷ What does 'Order' mean in the context of filter design?