LPFN-451P-ASLASHQ
AI

The **LPFN-451P-ASLASHQ** is a high-performance **Low Pass Filter (LPF)** designed primarily for RF (Radio Frequency) applications. These components are critical in telecommunications to allow signals below a specific "cutoff" frequency to pass while attenuating (blocking) higher frequency noise or interference.
---
### 1. Key Technical Specifications
While specific data sheets can vary slightly by manufacturer (often associated with brands like Mini-Circuits or similar RF component specialists), here are the typical parameters for this series:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Low Pass Filter (LPF) |
| **Passband** | DC to ~450 MHz |
| **Stopband** | Generally starts above 600 MHz |
| **Insertion Loss** | Low (< 1.5 dB typical in passband) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Connector/Package** | Surface Mount or Plug-in (depending on suffix) |
---
### 2. Functional Breakdown
The part functions using a network of inductors and capacitors (LC circuit) to create a frequency-dependent barrier.
* **Passband Performance:** In the range of 0 to 450 MHz, the component acts like a closed switch with minimal resistance, allowing the signal to flow to the output with very little energy loss.
* **Rejection/Attenuation:** Once the signal frequency exceeds the cutoff point, the internal reactance increases sharply. This "cleans" the signal by removing high-frequency harmonics that could cause interference in other electronic stages.
* **ASLASHQ Suffix:** In electronic nomenclature, suffixes like these often denote **Automotive Grade** testing, **High Reliability** (AEC-Q200 standards), or specific packaging (Tape & Reel).
---
### 3. Common Applications
This specific filter is used in environments where signal purity is paramount:
1. **Harmonic Suppression:** Used after an amplifier to remove unwanted multiples of the carrier frequency.
2. **Test & Measurement:** Integrated into lab equipment to ensure only the baseband signal is being analyzed.
3. **Transceiver Protection:** Placed in the RF front-end of a radio to block out-of-band interference from nearby high-frequency transmitters.
---
### 4. Schematic Representation
In a circuit diagram, the LPF is represented by the following logic:
```text
[Input Signal] ----[ L ]----[ L ]---- [Output Signal]
| |
[ C ] [ C ]
| |
[GND] [GND]
```
*(L = Inductor, C = Capacitor. This "Pi" or "T" network configuration determines the steepness of the cutoff.)*
- ⤷
What is the exact cutoff frequency and rejection level at 900 MHz?
- ⤷ Is the LPFN-451P-ASLASHQ compliant with AEC-Q200 automotive standards?
- ⤷ How does insertion loss change across the operating temperature range?