LPFU-152P-3WSLASHQ
AI

The **LPFU-152P-3W/Q** is a specialized electronic component, specifically a **Low Pass Filter (LPF)**, typically used in radio frequency (RF) and microwave applications. It is designed to allow signals below a certain "cutoff" frequency to pass through while significantly attenuating signals above that frequency.
---
### 1. Key Technical Specifications
While specific data sheets can vary by manufacturer (often associated with brands like Mini-Circuits or specialized RF vendors), the nomenclature generally follows this structure:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Low Pass Filter (LPF) |
| **Cutoff Frequency ($f_c$)** | Typically indicated by "152" (e.g., 1500 MHz or 1.5 GHz) |
| **Power Handling** | "3W" usually denotes a maximum input power of **3 Watts** |
| **Mounting Style** | Surface Mount (SMD) or Plug-in depending on the "P" suffix |
| **Impedance** | Standard **50 Ohms** (typical for RF circuitry) |
---
### 2. Internal Electronic Structure
The LPFU-152P-3W/Q is a passive device, meaning it does not require external power to operate. Its internal architecture usually consists of:
* **Inductors ($L$):** Series elements that resist high-frequency changes in current.
* **Capacitors ($C$):** Shunt elements that bypass high-frequency signals to the ground.
* **Topology:** Often uses a **Chebyshev** or **Butterworth** LC ladder network to achieve a sharp roll-off at the cutoff frequency.
---
### 3. Applications
This part is commonly found in the following electronic systems:
1. **Harmonic Rejection:** Used after a power amplifier to remove unwanted harmonic frequencies.
2. **Transmitter Front-ends:** To ensure the signal stays within assigned spectral masks and does not interfere with other bands.
3. **Receiver Protection:** To block high-frequency interference from reaching sensitive Low Noise Amplifiers (LNAs).
4. **Test Equipment:** Providing clean signal paths in signal generators or spectrum analyzers.
---
### 4. Interpretation of the Part Number Suffixes
* **-3W:** Indicates the power rating (3 Watts). Exceeding this can lead to thermal damage or signal distortion (non-linearity).
* **/Q:** Often denotes a specific quality standard, automotive grade, or a high-reliability screening process used by the manufacturer.
---
- ⤷What is the exact cutoff frequency and insertion loss for the LPFU-152P?
- ⤷ How does the 'Q' suffix affect the component's environmental rating?
- ⤷ What are the footprint dimensions for soldering this part onto a PCB?