LPS-RK-50SPI
AI

The **LPS-RK-50SPI** is a specific model of a **Low-Peak Dual-Element Time-Delay Fuse**, manufactured by Eaton (Bussmann Series). It belongs to the Class RK1 category, which is known for its high degree of current limitation and safety.
---
## 1. Technical Specifications
The electrical characteristics define how this part functions within a circuit.
| Parameter | Specification |
| :--- | :--- |
| **Model Number** | LPS-RK-50SPI |
| **Amperage Rating** | 50 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating** | 300kA RMS Symmetrical (AC) / 100kA (DC) |
| **Fuse Class** | Class RK1 |
| **Body Material** | Melamine Glass Tube |
---
## 2. Key Electronic Features
### A. Dual-Element Design
The "SPI" designation indicates a sophisticated internal architecture. Unlike a single-element fuse, this has two distinct components:
1. **Thermal Element:** Handles low-level overloads. It provides a "time-delay," allowing temporary surges (like motor startups) to pass without blowing the fuse.
2. **Short-Circuit Element:** A fast-acting component that triggers immediately during high-current faults to protect sensitive downstream electronics.
### B. Current Limitation
As a **Class RK1** fuse, the LPS-RK-50SPI is highly current-limiting. In the event of a massive short circuit, the fuse reacts so quickly that it prevents the fault current from reaching its maximum peak, significantly reducing the "let-through" energy that could damage equipment.
### C. Smart Indicator (The "SPI" Suffix)
The **SPI** stands for **Smart Presence Indicator**.
* This feature includes a permanent visual trigger (usually a neon lamp or a mechanical flag) that signals when the fuse has opened.
* This reduces troubleshooting time in industrial control panels by identifying the blown fuse at a glance.
---
## 3. Typical Applications
Because of its 600V rating and time-delay characteristics, it is commonly used for:
* **Motor Branch Circuits:** Handling the high inrush current during start-up.
* **Transformer Protection:** Resisting magnetizing inrush currents.
* **Main Feeder Switches:** Providing high-level coordination to prevent nuisance tripping.
---
## 4. Replacement and Compatibility
When replacing this part, ensure the following conditions are met:
```markdown
1. Match the Amperage (50A).
2. Match the Class (RK1). Note: You can replace an RK5 fuse with an RK1, but never vice versa.
3. Verify Voltage (600V).
4. Check the Physical Size (Class R fuses have a rejection notch to prevent incorrect installation).
```
- ⤷
What is the difference between Class RK1 and Class RK5 fuses?
- ⤷ Can the LPS-RK-50SPI be used in a 240V circuit?
- ⤷ How does the 'Smart Indicator' function electrically?