LPS-RK-70SPI
AI

## LPS-RK-70SPI Low-Peak Fuses
The **LPS-RK-70SPI** is a high-performance, current-limiting time-delay fuse manufactured by Bussmann (Eaton). It belongs to the **Low-Peak™ RK1 family**. The "SPI" suffix specifically denotes the inclusion of a **Smart-Pulse™ local indication** feature.
---
### Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the LPS-RK-70SPI:
| Attribute | Specification |
| :--- | :--- |
| **Current Rating** | 70 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 300,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 100,000 Amps |
| **Class** | RK1 |
| **Fuse Type** | Time-Delay / Dual-Element |
| **Indication** | Visual Indication (Smart-Pulse) |
---
### Key Electronic & Functional Features
#### 1. Dual-Element Design
The fuse contains two distinct components working in tandem:
* **Thermal Element:** Handles low-level overloads. It provides a time-delay (minimum 10 seconds at 500% of rated current) to prevent "nuisance tripping" caused by motor startup currents.
* **Magnetic/Instantaneous Element:** Consists of notched copper links that react instantly to high-level short circuits, limiting the peak let-through current.
#### 2. Class RK1 Performance
Being a Class RK1 fuse, it offers a higher degree of current limitation compared to Class RK5. This reduces the **Arc Flash** hazard and the mechanical stress placed on downstream components (like busbars and breakers) during a fault.
#### 3. Smart-Pulse™ Indication (SPI)
The "SPI" feature is an electronic/visual enhancement:
* **Mechanism:** It features a built-in indicator that triggers when the fuse blows.
* **Benefit:** Allows maintenance personnel to quickly identify the failed circuit in a crowded panel without needing to test every fuse with a multimeter.
#### 4. Current Limitation
Because it is current-limiting, the LPS-RK-70SPI clears a fault in less than half a cycle (under short-circuit conditions). This limits the total $I^2t$ (thermal energy) that travels through the system.
---
### Typical Applications
* **Motor Branch Circuits:** Ideal for motors where high inrush current is present.
* **Feeder and Branch Circuit Protection:** Used in industrial control panels and power distribution units.
* **Transformer Protection:** The time-delay feature allows for transformer primary inrush.
* **General Purpose:** Any circuit requiring a 70A, 600V protection level with high interrupting capacity.
---
- ⤷
What is the physical size or frame dimension for a 70A RK1 fuse?
- ⤷ How does the 'SPI' indicator work in a dead circuit versus a live circuit?
- ⤷ What is the difference in let-through energy between this RK1 fuse and a standard RK5 fuse?