Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LPS50-12

  • AI
    The **LPS50-12** is an open-frame AC-DC switching power supply manufactured by Artesyn Embedded Power (now part of Advanced Energy). It is widely used in industrial and telecommunications equipment due to its compact footprint and high efficiency. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 12 VDC | | **Output Current** | 4.2 A (Convection) / 5 A (Forced Air) | | **Power Rating** | 50 Watts (60W with airflow) | | **Input Voltage Range** | 85 - 264 VAC (Universal) | | **Efficiency** | 70% Typical at full load | | **Dimensions** | 2.0" x 4.0" x 1.3" | --- ### 2. Core Electronic Components and Design The LPS50-12 utilizes a high-frequency switching topology. Its internal circuitry can be divided into several functional blocks: #### A. Input Stage (EMI Filtering & Rectification) * **EMI Filter:** Includes X-capacitors, Y-capacitors, and common-mode chokes to reduce electromagnetic interference. * **Bridge Rectifier:** Converts the AC input into high-voltage DC. * **Bulk Capacitor:** Smooths the rectified DC before it reaches the switching stage. #### B. Power Conversion Stage * **Switching Transistor (MOSFET):** Acts as a high-speed switch to chop the DC voltage into high-frequency pulses. * **Power Transformer:** Provides galvanic isolation between the input and output and steps down the voltage to the required 12V level. * **PWM Controller IC:** The "brain" of the unit that regulates the duty cycle of the MOSFET to maintain a steady output voltage regardless of load changes. #### C. Output Stage (Rectification & Filtering) * **Schottky Diodes:** Used for high-speed rectification of the secondary AC voltage. * **Electrolytic Capacitors:** Low-ESR capacitors are used to filter the output ripples to provide clean 12V DC. * **Feedback Loop:** Uses an **Optocoupler** to send voltage sensing information back to the primary side while maintaining isolation. --- ### 3. Protection Features The electronic design includes built-in safety mechanisms: * **Overload Protection:** Foldback current limiting kicks in when the load exceeds 110% of the maximum rating. * **Overvoltage Protection:** Usually set between 115% and 150% of the nominal voltage (approx. 13.8V - 18V) to prevent downstream damage. * **Short Circuit Protection:** The unit will shut down safely if the output terminals are shorted. --- ### 4. Physical Layout & Connectivity * **Input Connector (SK1):** Molex 09-50-8031 (standard 3-pin). * **Output Connector (SK2):** Molex 09-50-8061 (standard 6-pin). * **Grounding:** A dedicated spade terminal is provided for safety grounding (PE).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LPS50-12?
    • ⤷ Can the output voltage be adjusted manually?
    • ⤷ What are the specific pin assignments for the SK2 output connector?