AI

## Technical Analysis of LPX331M250C3P3
The **LPX331M250C3P3** is a high-performance aluminum electrolytic capacitor manufactured by **Cornell Dubilier (CDE)**. It belongs to the **LPX series**, which is designed for high voltage, high ripple current, and long-life applications, typically found in power electronics.
---
### 1. Part Number Deciphering
Understanding the alphanumeric code reveals the specific characteristics of the component:
| Code Segment | Meaning | Value |
| :--- | :--- | :--- |
| **LPX** | Series Name | High Voltage, 85°C Snap-In |
| **331** | Capacitance Code | 330 µF (33 + 1 zero) |
| **M** | Tolerance | ±20% |
| **250** | Voltage Rating | 250 VDC |
| **C3P3** | Case Size/Form | ~25mm x 30mm (Diameter x Length) |
---
### 2. Key Technical Specifications
This capacitor is engineered for stability under high-stress conditions.
* **Type:** Aluminum Electrolytic (Snap-In)
* **Capacitance:** 330 µF
* **Voltage Rating:** 250 VDC
* **Operating Temperature:** -40°C to +85°C
* **Life Span:** Approximately 3,000 hours at 85°C (under rated conditions)
* **Termination:** Snap-in terminals (standard 2-pin PC board mount)
---
### 3. Physical and Mechanical Features
The "Snap-In" designation refers to the lead style, which allows the capacitor to "snap" into place on a PCB before soldering, providing mechanical stability.
| Feature | Description |
| :--- | :--- |
| **Dimensions** | 25mm (Diameter) x 30mm (Height) |
| **Mounting Type** | Through-Hole (Snap-In) |
| **Safety Vent** | Located on the top or side to prevent explosion during failure |
| **Sleeve** | PVC or PET insulation |
---
### 4. Typical Applications
Due to its voltage rating (250V) and capacitance (330µF), this part is commonly used in the following circuits:
1. **Switching Power Supplies (SMPS):** Used as an input filter capacitor to smooth rectified AC.
2. **Motor Drives:** Provides energy storage and DC bus filtering.
3. **Uninterruptible Power Supplies (UPS):** Energy buffering during power transitions.
4. **Inverters:** Essential for converting DC back to AC in renewable energy systems.
---
### 5. Selection Considerations
When replacing or designing with this part, keep these factors in mind:
* **ESR (Equivalent Series Resistance):** Lower ESR is better for efficiency and heat reduction.
* **Ripple Current:** Ensure the circuit's ripple current does not exceed the capacitor's rated limit (approx. 1.5A to 1.8A for this specific model).
* **Polarity:** As an electrolytic capacitor, it is polarized. Incorrect installation will lead to component failure.
- ⤷What is the ripple current rating for the LPX331M250C3P3 at 85°C?
- ⤷ Are there any 105°C rated alternatives for this specific footprint?
- ⤷ How does the snap-in lead spacing compare to standard radial capacitors?