LPX331M400H3P3
AI

The **LPX331M400H3P3** is a high-voltage, snap-in aluminum electrolytic capacitor manufactured by **Cornell Dubilier (CDE)**. It is part of the LPX series, designed for high-ripple current applications and long-term reliability.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF |
| **Voltage Rating** | 400 VDC |
| **Tolerance** | ±20% |
| **Operating Temperature** | -40°C to +85°C |
| **Service Life** | 1,000 hours at 85°C |
| **Termination Style** | Snap-In (2 Pins) |
| **Dimensions (D x L)** | 35mm x 30mm |
| **Lead Spacing** | 10.00 mm |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention:
- **LPX**: Series name (85°C High Voltage Snap-In).
- **331**: Capacitance value (33 followed by 1 zero = 330µF).
- **M**: Tolerance (M = ±20%).
- **400**: Voltage rating (400 Volts).
- **H3P3**: Case size code (Specific height and diameter dimensions).
---
### 3. Key Electronic Functions
This component is vital in power electronics due to its ability to store large amounts of energy at high voltages.
* **Smoothing/Filtering:** Commonly used in the output stages of bridge rectifiers to convert AC ripples into a steady DC voltage.
* **Energy Storage:** Provides bulk energy storage for high-power switching circuits to handle sudden load demands.
* **Voltage Buffering:** Protects sensitive downstream components from voltage transients and fluctuations.
---
### 4. Common Applications
Due to its high voltage rating (400V) and snap-in mounting, this part is typically found in:
1. **Switch Mode Power Supplies (SMPS):** Acting as the primary input filter capacitor.
2. **Uninterruptible Power Supplies (UPS):** Managing DC link voltages.
3. **Variable Speed Drives:** Used in motor controllers and industrial inverters.
4. **Audio Amplifiers:** Providing high-voltage rails for power stages.
---
- ⤷
What are the equivalent alternatives for the LPX series from other manufacturers?
- ⤷ How does the ESR (Equivalent Series Resistance) affect the performance of this capacitor?
- ⤷ Can this capacitor be used in 105°C environments if derated?