LQH31HZ95NK03
AI

The **LQH31HZ95NK03** is a high-performance chip inductor manufactured by **Murata Electronics**. It belongs to the LQH series, which is known for its wire-wound structure and high current handling capabilities.
---
### 1. Technical Specifications
Below is the technical breakdown of the part based on its datasheet parameters:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 95 nH |
| **Tolerance** | ±10% |
| **DC Resistance (Max)** | 0.046 Ω |
| **Rated Current** | 1500 mA (1.5A) |
| **Self-Resonant Frequency** | 1000 MHz (1 GHz) |
| **Package / Case** | 1206 (3216 Metric) |
| **Operating Temperature** | -40°C to +85°C |
| **Inductance Test Freq** | 1 MHz |
---
### 2. Key Features
* **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design allows for lower DC resistance and higher current ratings.
* **High Q Factor:** It maintains high efficiency in high-frequency circuits.
* **Compact Footprint:** The 1206 size (3.2mm x 1.6mm) is industry-standard, making it easy to integrate into dense PCB layouts.
* **AEC-Q200 Compliance:** Often used in automotive applications due to its robustness against vibration and thermal stress.
---
### 3. Part Number Breakdown
The alphanumeric code follows Murata’s standard nomenclature:
1. **LQH**: Product ID (Wire-wound Inductor).
2. **31**: Dimension (3.2 x 1.6 mm).
3. **H**: Application (High-frequency type).
4. **Z**: Specific characteristics (Impedance/Standard).
5. **95N**: Inductance value (95 nanohenries).
6. **K**: Tolerance (±10%).
7. **03**: Packaging/Individual specification code.
---
### 4. Common Applications
This specific inductor is typically found in:
* **RF Matching Circuits:** Used in wireless communication modules to match impedance.
* **EMI Suppression:** Filtering high-frequency noise in power lines.
* **DC-DC Converters:** Acting as a storage or filter element in small-scale power supplies.
* **Automotive Electronics:** Infotainment systems and ADAS sensors.
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ How does the DC resistance of this part affect its thermal performance?
- ⤷ Can you provide a list of equivalent alternative parts from other manufacturers?