LR1102BG-28-AF5-R
AI

The **LR1102BG-28-AF5-R** is a low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co.). It is designed for low-power applications requiring a stable voltage supply and a compact form factor.
---
### ## Technical Specifications
The table below outlines the core electronic characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.8V (Fixed) |
| **Output Current** | 300mA (Max) |
| **Dropout Voltage** | ~300mV @ 300mA |
| **Input Voltage Range** | Up to 6V |
| **Quiescent Current** | ~50µA |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Accuracy** | ±2.0% |
---
### ## Part Number Breakdown
Understanding the nomenclature helps identify specific features of this variant:
* **LR1102**: Base series (High PSRR, Low Noise LDO).
* **B**: Includes an **Enable (EN)** pin and an **Auto-Discharge** function.
* **G**: Halogen-free and Lead-free (Green).
* **28**: Represents the fixed output voltage of **2.8V**.
* **AF5**: Refers to the physical package style (**SOT-25**).
* **R**: Tape and Reel packaging for automated assembly.
---
### ## Key Features & Protection
1. **Low Dropout:** Allows the device to regulate 2.8V even when the input battery voltage drops very close to the output level.
2. **Enable Pin (EN):** Allows the system to turn the regulator on or off to conserve battery life.
3. **Auto-Discharge:** When disabled, it internally discharges the output capacitor to ensure the output voltage drops to zero quickly.
4. **Protections:** Built-in **Current Limit** (to prevent damage from shorts) and **Thermal Shutdown** (to prevent damage from overheating).
---
### ## Typical Application Circuit
The device requires minimal external components to function. Below is a standard pin configuration:
```text
Pin 1: VIN (Input Supply)
Pin 2: GND (Ground)
Pin 3: EN (Enable - High to turn on)
Pin 4: NC/BP (No connection or Bypass Cap)
Pin 5: VOUT (2.8V Output)
```
**Recommended Capacitors:**
- **Cin:** 1.0µF Ceramic
- **Cout:** 1.0µF Ceramic (Low ESR)
- ⤷
What are the main differences between the LR1102A and LR1102B variants?
- ⤷ Can this LDO be used for battery-powered IoT devices?
- ⤷ What is the Power Supply Rejection Ratio (PSRR) for this specific part?