Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LR1206-R10FI

  • AI
    The **LR1206-R10FI** is a high-power, low-resistance surface mount (SMD) resistor typically used for current sensing applications. It is part of the metal strip or thick film power resistor family. --- ## 1. Part Number Breakdown Understanding the nomenclature helps in identifying the specific electrical characteristics: | Component Segment | Value/Meaning | Description | | :--- | :--- | :--- | | **LR** | Series Type | Low Resistance / Current Sense Series | | **1206** | Case Size | Imperial units: 0.12" x 0.06" (Metric: 3216) | | **R10** | Resistance Value | **0.1Ω (100 mΩ)** | | **F** | Tolerance | **±1%** | | **I** | Packaging Code | Typically indicates Paper/Plastic Tape & Reel | --- ## 2. Key Electrical Specifications The technical performance of this part is optimized for power management and stability. * **Resistance:** 0.1 Ohms ($100 \text{ m}\Omega$). * **Power Rating:** Usually **0.5W to 1W** (depending on the manufacturer, e.g., TT Electronics/Welwyn or Viking). * **Tolerance:** ±1% (High precision for sensing). * **Temperature Coefficient (TCR):** Typically $\pm100 \text{ ppm/}^\circ\text{C}$ to $\pm400 \text{ ppm/}^\circ\text{C}$. This determines how much the resistance changes with heat. * **Operating Temperature Range:** $-55^\circ\text{C}$ to $+155^\circ\text{C}$. --- ## 3. Physical Construction Unlike standard resistors that use a carbon film, the LR series often utilizes: * **Metal Element:** A solid metal alloy plate or a specialized thick film on a ceramic substrate. * **Encapsulation:** Protects the resistive element from moisture and mechanical stress. * **Wrap-around Terminations:** Ensure high-quality solder joints to the PCB. --- ## 4. Typical Applications Because of its low resistance and high precision, it is rarely used as a generic pull-up/down resistor. Instead, it is used for: 1. **Current Sensing:** Placed in series with a load. The voltage drop across the $0.1\Omega$ resistor is measured ($V = I \times R$) to calculate the current flowing through the circuit. 2. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. 3. **DC-DC Converters:** Providing feedback for overcurrent protection. 4. **Motor Control:** Detecting stalls or monitoring torque via current draw. --- ## 5. Equivalent Considerations If you are looking for an alternative, ensure the following parameters match or exceed the original: * **Footprint:** Must be 1206. * **Rating:** Do not replace a 1W 1206 with a 0.25W 1206, or it will burn out. * **TCR:** Important if the device operates in high-heat environments.
    ✨ Follow-up Questions
    • ⤷ What is the power dissipation formula used to check if this resistor is suitable for my current load?
    • ⤷ How does the TCR rating affect the accuracy of my current measurements?
    • ⤷ Can I use a 2512 size resistor as a replacement for a 1206 if I have space?