LR1801G-33-SH2-R
AI

The **LR1801G-33-SH2-R** is a low-dropout (LDO) linear regulator manufactured by Unisonic Technologies (UTC). It is designed to provide a stable, fixed output voltage from a higher input voltage with very low noise and high power supply rejection.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Part Number** | LR1801G-33-SH2-R |
| **Output Voltage** | 3.3V (Fixed) |
| **Output Current** | 300mA - 600mA (Depending on thermal conditions) |
| **Input Voltage Range** | Up to 6V |
| **Package Type** | SOT-263 (SH2) |
| **Accuracy** | ±2.0% |
| **Drop-out Voltage** | Very Low (Typ. 150mV @ 100mA) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Functional Characteristics
* **Fixed Output:** The "33" in the part number indicates a fixed **3.3V** output. It does not require external resistors to set the voltage.
* **Low Dropout (LDO):** It can maintain a 3.3V output even when the input voltage is very close to 3.3V, maximizing battery life and efficiency.
* **Protection Circuits:**
* **Current Limit:** Prevents damage during an output short-circuit.
* **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds safe limits.
* **Green/Halogen Free:** The "G" suffix indicates that the part is compliant with environmental "Green" standards (Halogen-Free and RoHS compliant).
---
### 3. Pin Configuration (Typical SOT-263)
While pinouts can vary by specific manufacturer revisions, the standard functional blocks for this LDO are:
1. **VIN:** Input voltage supply.
2. **GND:** Ground reference.
3. **VOUT:** Regulated 3.3V output.
4. **EN (Enable):** Logic high to turn on the device, logic low to enter shutdown mode (reducing current draw).
---
### 4. Application Areas
The LR1801G-33 is commonly used in battery-powered or portable electronics where space and power efficiency are critical:
* **Microcontrollers (MCU):** Powering 3.3V logic circuits.
* **Wireless Modules:** Bluetooth or Wi-Fi modules requiring clean, stable power.
* **Consumer Electronics:** Handheld GPS, digital cameras, and tablets.
---
- ⤷
What is the maximum input voltage for the LR1801G-33-SH2-R?
- ⤷ Can this LDO be used for applications requiring more than 600mA?
- ⤷ What type of capacitors are recommended for the input and output filters?