LR1812G-15-AF5-R
AI

The **LR1812G-15-AF5-R** is a specific low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies). It is designed to provide a stable 1.5V output from a higher input voltage, characterized by its low noise and power efficiency in a compact form factor.
---
## 1. Technical Specifications
The part number can be decoded to understand its core operating parameters:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 1.5V |
| **Input Voltage Range** | Up to 7V (Typical) |
| **Output Current** | 300mA - 600mA (Series dependent) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 Code) |
| **Dropout Voltage** | Low (typically < 300mV at full load) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Pin Configuration (SOT-25)
Standard linear regulators in this package typically follow a specific pinout to manage input, output, and control:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Supply Input Voltage |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BP** | No connection or Bypass capacitor |
| 5 | **VOUT** | Regulated 1.5V Output |
---
## 3. Key Features
* **Low Quiescent Current:** Minimizes power consumption when the device is in standby or light-load conditions.
* **High PSRR:** High Power Supply Rejection Ratio, making it suitable for noise-sensitive RF and audio applications.
* **Built-in Protections:**
* *Thermal Shutdown:* Prevents damage from overheating.
* *Current Limiting:* Protects the IC during short-circuit events.
* **Stability:** Designed to be stable even with low-ESR ceramic capacitors.
---
## 4. Typical Application Circuit
To use this part effectively, external capacitors are required for stability and noise filtering.
```mermaid
graph LR
Vin -->|C1: 1uF| IC[LR1812G]
IC -->|C2: 1uF| Vout[1.5V Output]
IC --- GND
```
```c
// Design Note:
// Ensure the input capacitor (Cin) is placed as close as
// possible to the VIN pin to prevent oscillations.
```
- ⤷
What are the main differences between the LR1812 and a switching regulator?
- ⤷ Can I use this regulator for an input voltage higher than 7V?
- ⤷ What is the specific meaning of the 'G' and 'R' suffixes in this part number?