LR1812G-18-AF5-R
AI

The **LR1812G-18-AF5-R** is a specific low-dropout (LDO) linear regulator manufactured by Unisonic Technologies (UTC). It is designed to provide a stable, fixed output voltage from a higher input voltage with minimal power loss.
---
## 1. Technical Specifications
The part number itself contains encoded information about its performance and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Max Output Current** | 1A (typically) |
| **Package Type** | SOT-25 (AF5) |
| **Dropout Voltage** | Low (typically < 0.5V at full load) |
| **Output Type** | Fixed Output |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Features
* **Low Quiescent Current:** It consumes very little power internally, making it suitable for battery-powered devices.
* **Stability:** Designed to be stable with low-ESR ceramic capacitors.
* **Built-in Protections:**
* *Thermal Shutdown:* Prevents the chip from burning out if it gets too hot.
* *Current Limiting:* Protects the device during short circuits or overloads.
* **Enable Pin:** Often includes a "Chip Enable" function to turn the regulator on or off via a logic signal.
---
## 3. Pin Configuration (Typical SOT-25)
In the AF5 (SOT-25) package, the pinout is generally structured as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Unregulated Input Voltage |
| 2 | **GND** | Ground Reference |
| 3 | **CE / EN** | Chip Enable (High = On, Low = Off) |
| 4 | **NC / BYP** | No Connect or Bypass Capacitor (for noise reduction) |
| 5 | **VOUT** | Regulated 1.8V Output |
---
## 4. Typical Application Circuit
To use this part effectively, input and output capacitors are required for stability and noise filtering.
```mermaid
graph LR
Input -->|C1: 10uF| VIN[LR1812G Pin 1]
VIN --> VOUT[LR1812G Pin 5]
VOUT -->|C2: 10uF| Output[1.8V Load]
GND[Pin 2] --- Ground
```
---
## 5. Part Number Breakdown
* **LR1812**: Series Name (LDO Linear Regulator).
* **G**: Halogen-free and Lead-free (Green).
* **18**: 1.8V Fixed Output Voltage.
* **AF5**: SOT-25 Package code.
* **R**: Tape and Reel packaging.
- ⤷
What is the maximum input voltage allowed for the LR1812G series?
- ⤷ How does this regulator compare to the AMS1117-1.8?
- ⤷ What capacitor values are recommended for the bypass pin?