LR2010-R02GT1
AI

The **LR2010-R02GT1** is a high-power, low-resistance SMT (Surface Mount Technology) shunt resistor. It is primarily used for current sensing applications where precision and heat dissipation are critical.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Welwyn (TT Electronics) |
| **Resistance Value** | 20 mΩ ($0.02 \Omega$) |
| **Tolerance** | ±2% |
| **Power Rating** | 1 Watt |
| **Case Code (Inch)** | 2010 |
| **Case Code (Metric)** | 5025 |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Technology** | Metal Alloy / Thick Film |
---
### 2. Physical Characteristics
The "2010" designation refers to the physical dimensions of the component. This large footprint allows the part to handle higher wattage compared to standard 0805 or 1206 resistors.
* **Length:** 5.00 mm
* **Width:** 2.50 mm
* **Mounting Type:** Surface Mount (SMD/SMT)
---
### 3. Functional Features
* **Low Ohmic Value:** At $20\text{m}\Omega$, it is designed to minimize voltage drop across the component while allowing a circuit to measure current flow.
* **Current Sensing:** By measuring the small voltage drop ($V = I \times R$) across this resistor, a microcontroller or operational amplifier can determine the exact current flowing through a branch.
* **Thermal Stability:** The metal alloy construction ensures that the resistance remains stable even as the component heats up during operation.
---
### 4. Typical Applications
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium batteries.
2. **DC-DC Converters:** Providing feedback loops for power regulation.
3. **Motor Control:** Detecting overcurrent conditions to prevent motor burnout.
4. **Power Supplies:** Load sensing and regulation in industrial equipment.
---
- ⤷
How do I calculate the maximum current this resistor can handle based on its 1W rating?
- ⤷ What are the advantages of a 2010 package size over a smaller 1206 size for current sensing?
- ⤷ Are there 1% tolerance versions of the LR2010 series available for higher precision?