LR2512-R02GW
AI

The **LR2512-R02GW** is a specialized electronic component primarily used for current sensing applications. It is a surface-mount (SMD) low-ohmic metal strip resistor.
---
### 1. Key Technical Specifications
The part number breakdown reveals specific characteristics defined by industry standards (typically following the nomenclature of manufacturers like Welwyn/TT Electronics or Cyntec).
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Case Size** | 2512 | Dimensions: 6.4mm x 3.2mm |
| **Resistance Value** | 20 mΩ (R02) | Extremely low resistance for minimal power loss |
| **Tolerance** | ±2% (G) | Precision margin for the resistance value |
| **Power Rating** | 1W to 3W | Depends on PCB thermal management |
| **Technology** | Metal Strip / Alloy | High stability and low noise |
| **Termination** | W | Standard Sn (Tin) over Ni (Nickel) |
---
### 2. Physical Construction
The "LR" series (Low Resistance) differs from standard thick-film resistors in its internal build:
* **Element:** Instead of a paste fired onto ceramic, it uses a solid **metal alloy ribbon**. This allows for high current surges without the component "burning out" like a fuse.
* **Substrate:** Usually high-purity alumina or a thermally conductive ceramic to dissipate heat quickly.
* **Coating:** Encapsulated in a flame-retardant epoxy or silicone for environmental protection.
---
### 3. Application Use Cases
Because the resistance is so low (0.02 Ohms), this part is not used to limit current in the traditional sense, but rather to **measure** it via Ohm's Law ($V = I \times R$).
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
2. **DC-DC Converters:** Providing feedback to the controller to prevent over-current scenarios.
3. **Motor Control:** Sensing the load on a motor to adjust torque or detect a stall.
4. **Power Supplies:** Used as a "shunt" resistor in high-efficiency PSU designs.
---
### 4. Advantages of the 2512 Package
* **Heat Dissipation:** The large 2512 footprint provides a larger surface area for heat to escape into the PCB copper traces.
* **Low Inductance:** The metal strip design has very low parasitic inductance, making it excellent for high-frequency switching power supplies.
* **TCR (Temperature Coefficient):** These parts generally have a low TCR (e.g., ±100ppm/°C), meaning the resistance stays stable even as the part heats up.
- ⤷
How do I calculate the voltage drop across this resistor at 5 Amps?
- ⤷ What are the thermal pad layout recommendations for a 2512 shunt resistor?
- ⤷ Can this resistor be used in AC current sensing applications?